PART |
Description |
Maker |
DDTC114WE DDTC114WE-7 DDTC114YE DDTC114YE-7 DDTC12 |
SNAP LOCK CABLE MARKER - W 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 4-Indent D-Sub Crimper; For Use With:4-Indent Closed-Barrel D-Sub Contacts; Color:Red; Series:1440; Wire Size (AWG):20-12 RoHS Compliant: Yes npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
DDTC114ECA DDTC114ECA-7 DDTC124ECA DDTC124ECA-7 DD |
STIPAX PROMO; RoHS Compliant: NA NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 50 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 23表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc. DIODES[Diodes Incorporated]
|
BC846AW BC848AW-7-F BC848BW-7-F BC846BW BC847CW-7- |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR TRANS NPN BIPOLAR 45V SOT-323 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3
|
Diodes Incorporated Diodes Inc. Diodes, Inc.
|
MSC2295BT1 MSC2295-BT1 MSC2295-CT1 ON2374 |
NPN RF Amplifier Transistors Surface Mount Si, NPN, RF SMALL SIGNAL TRANSISTOR NPN RF Amplifier Transistors Surface Mount UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR CASE 318D3, STYLE 1 SC9 From old datasheet system
|
MOTOROLA INC Motorola Mobility Holdings, Inc. ON Semiconductor MOTOROLA[Motorola, Inc]
|
DDTC114YE-7-F DDTC123YE-7-F DDTC143ZE-7-F DDTC113Z |
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 30 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Prebiased Transistors
|
Diodes, Inc.
|
DDTC114WCA DDTC114WCA-7 DDTC114YCA DDTC114YCA-7 DD |
50V; 100mA NPN PRE-biased small signal surface mount transistor NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
DIODES[Diodes Incorporated] Diodes, Inc.
|
DDTC143ECA DDTC124ECA DDTC144ECA DDTC123ECA2 DDTC1 |
NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
DCX114EH DCX114TH DCX123JH DCX143EH-7 DCX124EH DCX |
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-6 Prebiased Transistors
|
Diodes Incorporated Diodes, Inc.
|
DCX114YH-7 DCX124EH-7 |
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR 70 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR 30 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
DDA114EU DDA114EU-7 DDA114TU DDA114TU-7 DDA114YU D |
PNP PRE-BIASED SMALL SIGNAL SOT-63 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, 300 PIN PLUG, 0.05 X 0.05 IN. CENTERLINES, MEG-ARRAY, UL REQUIRED 30 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, PLUG, .050 IN, MEG-ARRAY, 300 X NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
2DC2412R |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
MMBT3904T-7-F |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated Diodes Inc.
|
|