PART |
Description |
Maker |
DDA114EU DDA114EU-7 DDA114TU DDA114TU-7 DDA114YU D |
PNP PRE-BIASED SMALL SIGNAL SOT-63 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, 300 PIN PLUG, 0.05 X 0.05 IN. CENTERLINES, MEG-ARRAY, UL REQUIRED 30 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, PLUG, .050 IN, MEG-ARRAY, 300 X NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
DDTA113TE DDTA113TE-7 DDTA114TE DDTA114TE-7 DDTA11 |
PNP PRE-BIASED SMALL SIGNAL SOT-523 DUAL SURFACE MOUNT TRANSISTOR PNP PRE-BIASED SMALL SIGNAL SOT-523 DUAL SURFACE MOUNT TRANSISTOR 进步党预偏置信号小的SOT - 523双表面贴装晶体管 PNP PRE-BIASED SMALL SIGNAL SOT-523 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
DIODES[Diodes Incorporated] Diodes, Inc. Diodes Inc.
|
DDTA123JCA-7-F DDTA143FCA-7-F DDTA113ZCA-7-F DDTA1 |
PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
DDA113TU-7-F DDA143TU-7-F DDA114TU-7-F DDA123JU-7- |
PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR 50 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR 30 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
DDA114EK DDA114EK-7 DDA114TK DDA114TK-7 DDA114YK D |
PNP PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR 70 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
DDTA115TUA-7-F DDTA113TUA-7-F DDTA123TUA-7-F DDTA1 |
PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
DDTA123EKA1 DDTA144EKA-7-F DDTA114EKA DDTA114EKA-7 |
PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
|
DIODES[Diodes Incorporated]
|
DDTA113TUA DDTA113TUA2 |
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
DDTA144WKA-7-F DDTA113ZKA DDTA113ZKA_1 DDTA113ZKA- |
PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
|
DIODES[Diodes Incorporated]
|
DDTB122TU-7-F DDTB142JU DDTB142TU DDTB122LU DDTB12 |
Prebiased Transistors PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR 500 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
DDTA125TCA DDTA125TCA-7-F DDTA124TCA DDTA124TCA-7- |
PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|