PART |
Description |
Maker |
V850E1 V850E_SV2 V850E_IA1 V850E_IA2 V850E_IA3 V85 |
V850E/IA2 Flash product ROM: 128 KB, RAM: 6 KB V850E/IA2 Mask product ROM: 128 KB, RAM: 6 KB V850E/IA3 Flash product ROM: 256 KB, RAM: 12 KB ROM-less version; Internal RAM: 4K bytes 32-bit RISC single-chip microcontroller V850E/SV2 V850E/IA4 Flash memory product ROM: 256 KB, RAM: 12 KB 32-Bit Microprocessor Core
|
NEC[NEC]
|
AM29LV800DB-70EF AM29LV800DB-90EF AM29LV800DB-70WC |
Flash Memory IC; Memory Size:8Mbit; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Access Time, Tacc:70nS; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 3V PROM, 70 ns, PDSO48 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 512K X 16 FLASH 3V PROM, 120 ns, PDSO48 512K X 16 FLASH 3V PROM, 120 ns, PDSO44 512K X 16 FLASH 3V PROM, 90 ns, PDSO44
|
Spansion, Inc. SPANSION LLC
|
W39V040A W39V040AQ W39V040AP |
3.3-Volt Flash NVM > Flash> FWH/LPC Flash Memory 512K 】 8 CMOS FLASH MEMORY WITH LPC INTERFACE
|
Winbond Electronics WINBOND[Winbond]
|
CAT28F001N-15TT CAT28F001P-70B CAT28F001N-15BT CAT |
128K X 8 FLASH 12V PROM, 150 ns, PDIP32 128K X 8 FLASH 12V PROM, 70 ns, PQCC32 128K X 8 FLASH 12V PROM, 70 ns, PDIP32 PLASTIC, DIP-32 x8 Flash EEPROM x8闪存EEPROM 1 Megabit CMOS Boot Block Flash Memory
|
Ironwood Electronics Atmel, Corp. Rectron Semiconductor http://
|
AT49LV1614AT AT49BV1614AT-90TI AT49BV1614A-90TI AT |
AT49BV1604A(T)/AT49BV/LV1614A(T) [Updated 3/02. 26 Pages] 16M bit . 2.7-Volt(BV)/ 3.0 - Volt (LV). Sectored Flash. Dual Plane. Top or Bottom Boot 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 16兆位100万x 16/2M × 8 3伏,只有闪存
|
Atmel Corp. Atmel, Corp.
|
AS8FLC1M32BQT-90_IT AS8FLC1M32BQT-90_Q AS8FLC1M32B |
Hermetic, Multi-Chip Module (MCM) 32Mb, 1M x 32, 3.0Volt Boot Block FLASH Array 1M X 32 FLASH 3V PROM, 70 ns, CPGA66 HIP-66 1M X 32 FLASH 3V PROM, 100 ns, CQFP68
|
http:// Austin Semiconductor, Inc MICROSS COMPONENTS
|
AN4429 |
The RPC56xx and SPC56xx families of devices have internal Flash
|
STMicroelectronics
|
AM29LV400BT55REC AM29LV400BT70EI AM29LV400BB55REC |
4 Mb (512K x 8, 256K x 16) Boot Sector, Flash Memory 256K X 16 FLASH 3V PROM, 55 ns, PDSO48 IC,FLASH,4MBIT,CMOS,256KX8 256K X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
HY29LV320BF-80 HY29LV320BF-80I HY29LV320BT-12I HY2 |
32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 80 ns, PDSO48 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 70 ns, PDSO48 122 x 32 pixel format, LED Backlight available 2M X 16 FLASH 3V PROM, 120 ns, PBGA63 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 90 ns, PBGA63 150 x 32 pixel format, LED Backlight available ECONOLINE: RKZ - Safety standards and approvals: EN 60950 certified, rated for 250VAC (LVD test report)- Custom Solutions Available- 3kVDC & 4kVDC Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84%
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
16235STRD 16235LEDLED 16235FAM 16235FSL 16235FST 1 |
IC, AM29LV641DH90REI, 8MB FLSH, TSOP48 M29LV400BB 4 MBIT FLASH MEMORY TSOP48 IC/MEMORY//4-MBIT (512K X 8-BIT/256K X 16- FLASH_64_MEGABIT IC, FLASH , 4MX16 90NS, FBGA-64, 13X11MM, 1.0MM PITCH IC, BOOT FLASH, TSOP-48 PACIFIC DISPLAY DEVICES 太平洋显示器 AMD 64 MB FLASH MIRROR BIT 太平洋显示器
|
List of Unclassifed Man... List of Unclassifed Manufacturers ETC[ETC] Pacific Display Devices Electronic Theatre Controls, Inc.
|
AS8F512K32Q1-150_883C AS8F512K32Q1-150_CT AS8F512K |
512K X 32 FLASH 5V PROM MODULE, 90 ns, CPGA66 512K x 32 FLASH FLASH MEMORY ARRAY
|
AUSTIN SEMICONDUCTOR INC
|