PART |
Description |
Maker |
QXX12RH2 QXX12RH5 QXX12LH5 QXX12LH2 QXX12NH2 QXX12 |
12 Amp bi-directional solid state switch series is designed for AC switching ALTERNISTOR TRIAC, TO-263AB RoHS Compliant, Solid-state switching eliminates arcing or contact bounce that create voltage transients
|
Littelfuse
|
C47F-10 C47F-20 C47F-30 C47F-40 |
Bi-Directional AC/DC Solid State Relay
|
Teledyne Technologies Incorporated
|
LTC6104IMS8 LTC6104CMS8 LTC6104IMS8TRPBF LTC6104HM |
High Voltage, High Side, Bi-Directional Current Sense Amplifi er High Voltage, High Side, Bi-Directional Current Sense Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C High Voltage, High Side, Bi-Directional Current Sense Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: -40° to 125°C
|
LINEAR TECHNOLOGY CORP
|
CP0603B1880BWTR CP0603B1880AWTR CP0603A2442DWTR CP |
DIR-COUPLER 18.5DB 1850-1910MHZ THIN-FILM SMD-0603 LGA-SN100 T&R 1850 MHz - 1910 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.25 dB INSERTION LOSS-MAX DIR-COUPLER 17.5DB 1850-1910MHZ THIN-FILM SMD-0603 LGA-SN100 T&R 1850 MHz - 1910 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.3 dB INSERTION LOSS-MAX DIR-COUPLER 6.5DB 2400-2484MHZ THIN-FILM SMD-0603 LGA-SN100 T&R 2400 MHz - 2484 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX DIR-COUPLER 10.5DB 1429-4953MHZ THIN-FILM SMD-0603 LGA-SN100 T&R 1429 MHz - 1453 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.7 dB INSERTION LOSS-MAX 869 MHz - 894 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.25 dB INSERTION LOSS-MAX 1429 MHz - 1453 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.25 dB INSERTION LOSS-MAX
|
AVX, Corp. AVX CORP
|
PCS4 |
2 Amp Solid State Relay
|
Picker Components
|
ST1.5KPS6.8 ST1.5KPS440 |
1,500 WATTS PEAK PULSE POWER 6.8 - 440 VOLTS UNI-DIRECTIONAL AND BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
SSDI[Solid States Devices, Inc]
|
1.5CE7.5CA 1.5CE8.2 1.5CE9.1 1.5CE350 1.5CE400 1.5 |
1.5W TRANSIENT SUPPRESSOR UNI-DIRECTIONAL AND BI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSORS 1500 WATTS, 6.8 THRU 440 VOLTS
|
http:// Central Semiconductor Corp Central Semiconductor C...
|
2026-6009-20 2026-6009-10 2026-6007-10 2026-6001-1 |
1000 MHz - 18000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX Directional Couplers, Ultra-Broadband
|
Tyco Electronics
|
CSD-20Z-2.45G |
2300 MHz - 2600 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX DIRECTIONAL COUPLERS
|
MERRIMAC INDUSTRIES INC Merrimac Industries, Inc.
|
152D106X9010A2TXL |
152D Solid-Electrolyte TANTALEX® Capacitors, Extended Capacitance Values, Hermetically-Sealed
|
Vishay Sprague
|
UWJ1C330MCL1GB UWJ1C100MCL1GB UWJ0J330MCL1GB UWJ1C |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 33 uF, SURFACE MOUNT 5.5 mmL CHIP, ROHS COMPLIANT Aluminum Electrolytic SMT High Temp Reflow Capacitor; Capacitance: 10uF; Voltage: 16V; Case Size: 4x5.4 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 10 uF, SURFACE MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 33 uF, SURFACE MOUNT 5.5 mmL CHIP, ROHS COMPLIANT Aluminum Electrolytic SMT High Temp Reflow Capacitor; Capacitance: 47uF; Voltage: 16V; Case Size: 6.3x5.4 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 47 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
UCD1K3R3MCL1GS UCD1C270MCL1GS |
Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 3.3uF; Voltage: 80V; Case Size: 5x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 3.3 uF, SURFACE MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27 uF, SURFACE MOUNT CHIP, ROHS COMPLIANT
|
Nichicon, Corp.
|
|