Part Number Hot Search : 
TIP29A BC30UD LF33A 391ILX RC202 RC202 105R1A5 3NM60N
Product Description
Full Text Search
  create Datasheet PDF File

For create Found Datasheets File :: 18647    Search Time::1.047ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AT40KFL040 AT40KEL040KZ1-E ATMELCORP-AT40KFL040KZ1-SCC

ATMEL Corporation
Part No. AT40KFL040 AT40KEL040KZ1-E ATMELCORP-AT40KFL040KZ1-SCC
OCR Text ... Automatic Component Generators create Thousands of Speed and Area Optimized Logic and RAM Functions - Automatic/Interactive Multi-chip Partitioning Supply Voltage 3.3V AT40KFL040 is a 5V Tolerant Version No Single Event Latch-up below a LE...
Description FPGA, 2304 CLBS, 46000 GATES, PQFP256
Rad Hard Reprogrammable FPGAs with FreeRAM

File Size 588.33K  /  42 Page

View it Online

Download Datasheet





    DSP56F802

MOTOROLA[Motorola, Inc]
Part No. DSP56F802
OCR Text ... flexible set of peripherals to create an extremely cost-effective solution. Because of its low cost, configuration flexibility, and compact program code, the DSP56F802 is well-suited for many applications. The DSP56F802 includes many perip...
Description DSP56F802 16-bit Digital Signal Processor

File Size 195.34K  /  32 Page

View it Online

Download Datasheet

    HSP50415EVAL1

Intersil, Corp.
INTERSIL[Intersil Corporation]
Part No. HSP50415EVAL1
OCR Text ...tion program. This program will create folder HSP50415 and install the required files. 2. Select and execute `ste51en.exe.' This program will install the required Windows scripting host. CPLD Registers The CPLD contains three groups of ...
Description HSP50415EVAL1 Evaluation Kit HSP50415EVAL1评估

File Size 38.88K  /  5 Page

View it Online

Download Datasheet

    HCS301 HCS301-IP HCS301-ISN HCS301-P HCS301-SN 21143A

MICROCHIP[Microchip Technology]
Part No. HCS301 HCS301-IP HCS301-ISN HCS301-P HCS301-SN 21143A
OCR Text ...l number and six status bits to create a 66-bit transmission stream. The length of the transmission eliminates the threat of code scanning and the code hopping mechanism makes each transmission unique, thus rendering code capture and resend...
Description From old datasheet system
KEELOQ CODE HOPPING ENCODER

File Size 160.00K  /  20 Page

View it Online

Download Datasheet

    EP1K50TC144-3F EP1K50FC256 ACEX1K

Altera Corporation
Part No. EP1K50TC144-3F EP1K50FC256 ACEX1K
OCR Text ...,096 bits, which can be used to create RAM, ROM, dual-port RAM, or first-in first-out (FIFO) functions. When implementing logic, each EAB can contribute 100 to 600 gates towards complex logic functions such as multipliers, microcontrollers,...
Description From old datasheet system
Programmable Logic Device Family
FieldProgrammableGateArray(FPGA)

File Size 640.20K  /  86 Page

View it Online

Download Datasheet

    EP9312

Cirrus Logic
Part No. EP9312
OCR Text ... 2 9312 The Challenge create a cost-effective solution for a digital audio jukebox meeting the following goals: Quick time-to-market 10x Real-time MP3 encoding Hardware based content security High-quality audio Home netwo...
Description
File Size 527.74K  /  16 Page

View it Online

Download Datasheet

    EPF10K50RC240 EPF10K10LC84-4 EPF10K20TI144-4 EPF10K100A EPF10K130V EPF10K20 EPF10K30 EPF10K40 EPF10K50 EPF10K70

Altera Corporation
Part No. EPF10K50RC240 EPF10K10LC84-4 EPF10K20TI144-4 EPF10K100A EPF10K130V EPF10K20 EPF10K30 EPF10K40 EPF10K50 EPF10K70
OCR Text ...,048 bits, which can be used to create RAM, ROM, dual-port RAM, or first-in first-out (FIFO) functions. When implementing logic, each EAB can contribute 100 to 600 gates towards complex logic functions, such as multipliers, microcontrollers...
Description Embedded Programmable Logic Device Family
IC,FPGA,1152-CELL,CMOS,QFP,144PIN,PLASTIC
IC,FPGA,576-CELL,CMOS,LDCC,84PIN,PLASTIC
IC,FPGA,360-CELL,CMOS,QFP,240PIN,PLASTIC

File Size 651.07K  /  128 Page

View it Online

Download Datasheet

    Motorola
Part No. DSP56858
OCR Text ...peripherals on a single chip to create an extremely cost-effective solution. The low cost, flexibility, and compact program code make this device well-suited for many applications. The DSP56858 includes peripherals that are especially usefu...
Description Preliminary Technical Data DSP56858 16-bit Digital Signal Processor

File Size 602.57K  /  56 Page

View it Online

Download Datasheet

    Altera
Part No. EP1K30TC144-3 EP1K50QC20 EP1K10TC10 EP1K50QC208-1 EP1K100QC208-1 EP1K10TC100-3 EP1K50FC256-2 EP1K30
OCR Text ...,096 bits, which can be used to create RAM, ROM, dual-port RAM, or first-in first-out (FIFO) functions. When implementing logic, each EAB can contribute 100 to 600 gates towards complex logic functions such as multipliers, microcontrollers,...
Description Programmable Logic Device Family
Acex 1K Device Family (2.5V)
IC,FPGA,72-CELL,CMOS,QFP,144PIN,PLASTIC

File Size 515.52K  /  86 Page

View it Online

Download Datasheet

For create Found Datasheets File :: 18647    Search Time::1.047ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of create

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.99848508834839