PART |
Description |
Maker |
UCP-3.3/15-D48S UCP-3.3/15-D24N UCP-3.3/15-D48N UC |
5V STEP-DOWN CURRENT MODE PWM DC-DC CONVERTERS 3 A, 900 kHz, monolithic synchronous step-down regulator 2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L 型DC - DC电压转换 Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator 型DC - DC电压转换
|
TE Connectivity, Ltd.
|
LTC3703 LT3845 LT3844 LTC1778 LTC3703-5 LTC3850 LT |
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start Dual, 2-Phase Step-Down Switching Controller; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C 0.5 A DUAL SWITCHING CONTROLLER, 560 kHz SWITCHING FREQ-MAX, PQCC24
|
Linear Technology, Corp.
|
LT3972EDD-PBF LT3972IDD-PBF LT3972EMSE-PBF LT3972E |
33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75µA Quiescent Current, MSOP-10 6.2 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10 33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75μA Quiescent Current
|
Linear Technology, Corp.
|
MAX730 MAX730A MAX730ACPA MAX730ACSA MAX730AEPA MA |
5V, Step-Down, Current-Mode PWM DC-DC Converters 2 A SWITCHING REGULATOR, 210 kHz SWITCHING FREQ-MAX, PDSO8 5V, Step-Down, Current-Mode PWM DC-DC Converters 2 A SWITCHING REGULATOR, 212.5 kHz SWITCHING FREQ-MAX, PDSO16 Circular Connector; No. of Contacts:26; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-26 RoHS Compliant: No Replaced by SN54197 : 50/30/100-Mhz Presettable Decade OR Binary Counters/Latches 20-LCCC -55 to 125 5V / Step-Down / Current-Mode PWM DC-DC Converters 5V Step-Down Current-Mode PWM DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC1628IG-SYNCPBF LTC1628-SYNC-15 |
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator 3 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
ADP3000AN ADP3000AN-12 ADP3000AN-33 ADP3000AN-5 AD |
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
AD[Analog Devices]
|
LTC1876EG LTC1876 |
High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator
|
Linear Technology
|
MAX17440908 MAX1744EUB/V MAX1745EUB MAX1744AUB |
High-Voltage, Step-Down DC-DC Controllers in 渭MAX High-Voltage, Step-Down DC-DC Controllers in μMAX High-Voltage, Step-Down DC-DC Controller in µMAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
ADP3000ARU-REEL ADP3000AR-REEL ADP3000AR-5-REEL AD |
High Efficiency Step-Up/Step-Down Switching Regulator
|
Analog Devices
|
RH5RI301B-T1 RH5RI501B-T1 RH5RIXX3B RH5RIXX2B RH5R |
Power Management ICs VFM STEP-UP DC/DC CONVERTER 0.25 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDSO5 VFM STEP-UP DC/DC CONVERTER 0.05 A SWITCHING CONTROLLER, 120 kHz SWITCHING FREQ-MAX, PSSO3 VFM STEP-UP DC/DC CONVERTER 衡工量值式升压型DC / DC变换 0.25 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PDSO5 0.05 A SWITCHING CONTROLLER, 100 kHz SWITCHING FREQ-MAX, PSSO3 0.25 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PSSO3
|
Ricoh Co., Ltd. RICOH COMPANY LTD
|
MAX727 MAX727CCK MAX727ECK MAX728CCK MAX728ECK MAX |
Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 3.2 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PZFM5 5V/3.3V/3V 2A Step-Down, PWM, Switch-Mode DC-DC Regulators 5V/3.3V/3V 2A Step-Down / PWM / Switch-Mode DC-DC Regulators
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|