PART |
Description |
Maker |
AN649 |
HFTA-04.0: Optical/Electrical Conversion in SDH/SONET Fiber Optic Systems
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
VTD175 VTD170XS VTD170 VTD175L VTD175S VTD175XL VT |
85 ∑C to -40 ∑C 10 times % typical resistance change 85 ∑C to -40 ∑C 10 times 【5 % typical resistance change POLYFUSE RESETTABLE FUSES 85 °C to -40 °C 10 times ±5 % typical resistance change
|
Littelfuse, Inc.
|
MCP6002 MCP6002EP MCP6002ESN MCP6004 MCP6004E MCP6 |
The MCP6002 is a dual general purpose op amp offering rail to rail input & output over the 1.8 to 5.5V operating range. This amplifier has a typical GBWP of 1 MHz with typical quiescent current of 100 microamperes. The MCP6002 is avail Operational Amplifier - Datasheet Reference 1 MHz Bandwidth Low Power Op Amp The MCP6001 is a single general purpose op amp offering rail to rail input & output over the 1.8 to 5.5V operating range. This amplifier has a typical GBWP of 1 MHz with typical quiescent current of 100 microamperes. The MCP6001 is ava
|
Microchip Technology Inc MICROCHIP[Microchip Technology]
|
ADG1604 ADG1604BCPZ-REEL ADG1604BCPZ-REEL7 ADG1604 |
1 Ω Typical On Resistance, ±5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer 1 楼? Typical On Resistance, 隆戮5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
|
Analog Devices
|
MPX2100 MPX2100A MPX2100DP MPX2100GVP MPX2100AS MP |
0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL) 000千帕4.5 PSI)的全尺寸为40 mV跨度(典型) (MPX2100 / MPX2101) 0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL) Sensor
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
MCP6542 MCP6542-I/MS MCP6542-I/P MCP6542-I/SN MCP6 |
The MCP6544 is a Push-pull, quad comparator. This single-ended device operates from 1.6V to 5.5V,with typical quiescent current of ... The MCP6541 is a Push-pull, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... Push-Pull Output Sub-Microamp Comparators The MCP6544 is a Push-pull, quad comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp. This device is offered in the 16 lead PDIP, SOIC and 14 lead TSSOP pack The MCP6543 is a Push-pull, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp. This device is offered in the eight lead PDIP, SOIC and MSOP package, The MCP6542 is a Push-pull, dual comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp. This device is offered in the eight lead PDIP, SOIC and MSOP package. The MCP6541 is a Push-pull, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp. This device is offered in the eight lead PDIP, SOIC, MSOP and five le The MCP6543 is a Push-pull, single comparator. This single-ended device operates from 1.6V to 5.5V,with typical quiescent current ... The MCP6542 is a Push-pull, dual comparator. This single-ended device operates from 1.6V to 5.5V,with typical quiescent current of ... From old datasheet system IC,VOLT COMPARATOR,DUAL,CMOS,TSSOP,8PIN,PLASTIC
|
Microchip Technology Inc.
|
STS-8831 |
Dual Channel Optical Switch Assembly Over / Under Optical Axis
|
Silonex Inc.
|
MCP6021 MCP6024 MCP6022 MCP6024T-I_ST MCP6021-E_P |
The MCP6022 dual operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 ... The MCP6021 operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 mA ... The MCP6024 quad operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 ... The MCP6023 operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 mA ... Rail-to-Rail Input/Output 10 MHz Op Amps Rail-to-Rail Input/Output, 10 MHz Op Amps
|
MICROCHIP[Microchip Technology]
|
MCP6547 MCP6549 MCP6546 MCP6548 MCP6547-I/MS MCP65 |
The MCP6549 is an Open Drain, quad comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the sixteen lead The MCP6546 is an Open-Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6549 is an Open Drain, quad comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6547 is an Open Drain, dual comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the eight lead PD The MCP6546 is an Open-Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the eight lead The MCP6548 is an Open Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6547 is an Open Drain, dual comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... OPEN-DRAIN OUTPUT SUB-MICROAMP COMPARATORS
|
MICROCHIP[Microchip Technology]
|
|