PART |
Description |
Maker |
1-5406545-3 |
PCB Mounted Jacks - Single Port, Multi-port and Stacked; MJ,RJ11,SMT,6/4,BLACK,22"REEL,30 Au ( AMP )
|
Tyco Electronics
|
CY7C1021 CY7C1021-10 CY7C1021-10VC CY7C1021-10ZC C |
Memory : Async SRAMs 64K x 16 Static RAM JUMPER CROSS FOR TERMINAL BLOCK MX Leveling Mechanism Kit, 1x2 / 1x2.25 / 1x 2.75 For use with PCB Mounted Keyswitches MARKING TAG PRINTED 5MM 10PC MX Leveling Mechanism Kit, 1x8 For use with PCB Mounted Keyswitches
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp.
|
DJ-005 DJ-005-S.5 DJ-005-.5 DJ-005-S5 DJ-008 DJ-00 |
CIRCULAR DIN JACKS RIGHT ANGLE PCB MOUNT
|
Adam Technologies, Inc.
|
MDV-005-B MDV-008 |
MINI DIN JACKS TOP ENTRY, LOW PROFILE PCB MOUNT
|
Adam Technologies, Inc.
|
D3016 D3019 D3023 D3018 D3022 D3020 D3017 D3021 |
12VA PCB MOUNTED TRANSFORMER
|
List of Unclassifed Manufacturers
|
STX-3100-11N STX-3100-11C STX-3100-3CB STX-3100-3N |
AUDIO JACKS STX-3100 Series PCB Mount 3.5mm Audio Jack
|
List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
73133-5003 |
BNC 50 Ohm, Vertical PCB Jack Receptacle, 16.80mm Mounted Height
|
Molex Electronics Ltd.
|
892-90-024-10-811 892-39-024-10-811 892-19-024-10- |
MICRO DD 31C SKT JACKS 电路板连接器2.54毫米单列/双列焊尾 RECTIFIER BRIDGE 400V 35A MB35 电路板连接器2.54毫米单列/双列焊尾 CIR CON 12 PIN 24/20 T12 电路板连接器2.54毫米单列/双列焊尾 Connector,D-Shell,Cable Mnt,PLUG,31 Contacts,SKT,0.075 Pitch,IDC Terminal,HOLE .112-.124 电路板连接器2.54毫米单列/双列焊尾 Connector,D-Shell,Cable Mnt,RECEPT,31 Contacts,PIN,0.075 Pitch,#4-40 电路板连接器2.54毫米单列/双列焊尾 PCB connectors 2.54 mm Single row / double row Solder tail 电路板连接器2.54毫米单列/双列焊尾 2DA-31PF173F0 MICRO DD 31 M JACKS SLOT ASSY RECTIFIER SCHOTTKY SINGLE 10A 30V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 10A 100V 120A-ifsm 0.85V-vf 0.1mA-ir TO-220AB 50/TUBE RECTIFIER SCHOTTKY DUAL 10A 30V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
1-338084-3 1-338086-3 6116418-1 6116201-2 6116201- |
Single Port Modular Jacks Single Port Modular Jacks
|
Tyco Electronics
|
GDT-S-88 GDT-XXX |
Modukar Jacks and Plugs Modular Jacks and Plugs
|
Kycon
|
ASMT-BB20-NPR10 ASMT-BB20-NPP10 ASMT-BB20-NQU40 AS |
T-3/4 SINGLE COLOR LED, BLUE, 1.8 mm GREEN PACKAGE-2 T-3/4 SINGLE COLOR LED, GREEN, 1.8 mm T-3/4 SINGLE COLOR LED, AMBER, 1.8 mm PCB Based Subminiature Lamps (PCB PolyLED) Low power consumption
|
Sumida, Corp. AVAGO TECHNOLOGIES LIMITED
|
GS12U18-P1I GS12U15-P1I GS12U24-P1I GS12U05-P1I GS |
10 ~ 12WAC-DC Single Output Wall-mounted type
|
Mean Well Enterprises Co., Ltd.
|