Part Number Hot Search : 
BCR10 78R05F 1000B PCT1600A 13003 EDZ13B C3835G SG330
Product Description
Full Text Search
  multi-port Datasheet PDF File

For multi-port Found Datasheets File :: 9284    Search Time::1.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP

XP Power, Ltd.
Intel Corp.
INTEL[Intel Corporation]
Panasonic Semiconductor
Part No. 80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP83C51FA 83C51FA AN83C51FA AP80C51FA BN83C51FA BP80C51FA TP80C51FA1
OCR Text ...serial channel that facilitates multi-processor communications NOTICE This datasheet contains information on products in full production ...Port 0 Port 0 is an 8-bit open drain bidirectional I O port As an output port each pin can sink seve...
Description (193.00 k) 93.00十一
DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一
Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制
EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 190.31K  /  13 Page

View it Online

Download Datasheet





    80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB

INTEL[Intel Corporation]
Part No. 80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB
OCR Text ...serial channel that facilitates multi-processor communications Other brands and names are the property of their respective owners Informa...port pins have multiplexed I O and control functions Port Pins as Inputs The pins of all six por...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 300.18K  /  22 Page

View it Online

Download Datasheet

    80C51X2 P80C51X2 P87C54X2 P87C54X2BA P87C54X2BN P87C54X2FA P80C31X2 P80C31X2BA P80C31X2BN P80C32 P80C32X2 P80C32X2BA P80

PHILIPS[Philips Semiconductors]
Part No. 80C51X2 P80C51X2 P87C54X2 P87C54X2BA P87C54X2BN P87C54X2FA P80C31X2 P80C31X2BA P80C31X2BN P80C32 P80C32X2 P80C32X2BA P80C32X2BN P80C32X2FA P80C32X2FN P87C52 P87C52X2 P87C52X2BA P87C52X2BN P87C52X2FA P87C52X2FN P87C38X2 P80C52X2 87C58X2 P87C58X2 P87C58X2BA P87C58X2BN P87C58X2FA P87C51X2BA P87C51X2BN 80C52X2 80C31X2 87C54X2 P87C32X2 80C38X2 P80C38X2
OCR Text ...e, a serial I/O port for either multi-processor communications, I/O expansion or full duplex UART, and on-chip oscillator and clock circuits. In addition, the devices are low power static designs which offer a wide range of operating freque...
Description 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V low power high speed 30/33 MHz

File Size 367.82K  /  57 Page

View it Online

Download Datasheet

    80C51 P80C51SBAA P80C51SBBB P80C51SBPN P80C51SFAA P80C51SFBB P80C51SFPN P80C51UBAA P80C51UBBB P80C51UBPN P80C51UFAA P80C

PHILIPS[Philips Semiconductors]
Part No. 80C51 P80C51SBAA P80C51SBBB P80C51SBPN P80C51SFAA P80C51SFBB P80C51SFPN P80C51UBAA P80C51UBBB P80C51UBPN P80C51UFAA P80C51UFBB P80C51UFPN P87C51 P80C31 P80C31SBAA P80C31SBBB P80C31SBPN P80C31SFAA P80C31SFBB P80C31SFPN P80C31UBAA P80C31UBBB P80C31UBPN P80C31UFAA P80C31UFBB P80C31UFPN P87C51SBPN P87C51UBAA P87C51UBBB P87C51UBPN P87C51SFAA P87C51SFBB P87C51SFPN P87C51SBAA 80C31 P80C51 P87C51UFPN 87C51 P87C51SBBB P87C51UFAA P87C51UFBB
OCR Text ...e, a serial I/O port for either multi-processor communications, I/O expansion or full duplex UART, and on-chip oscillator and clock circuits. In addition, the device is a low power static design which offers a wide range of operating freque...
Description 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz

File Size 349.80K  /  38 Page

View it Online

Download Datasheet

    AM79C30A AM79C30AJC AM79C30AVC AM79C32A AM79C32AJC AM79C32AVC

Advanced Micro Devices
Part No. AM79C30A AM79C30AJC AM79C30AVC AM79C32A AM79C32AJC AM79C32AVC
OCR Text ...en t d ur ing Low ma r k). Fo r multi-point applications, all TEs must maintain the same polarity on the S Interface. These pins are not TTL...Port is programmed to IOM-2 mode, SBOUT functions as the data output except in the special case of I...
Description Digital Subscriber Controller⑩ (DSC⑩) Circuit
Digital Subscriber Controller (DSC) Circuit

File Size 636.67K  /  101 Page

View it Online

Download Datasheet

    AM79C873KCW AM79C873

AMD[Advanced Micro Devices]
Part No. AM79C873KCW AM79C873
OCR Text ...EX+) Physical Layer Devices (multi-port) Am79C871 Am79C988A Am79C989 Quad Fast Ethernet Transceiver for 100BASE-X Repeaters (QFEXrTM) Quad Integrated Ethernet Transceiver (QuIETTM) Quad Ethernet Switching Transceiver (QuESTTM) Integra...
Description NetPHY⑩ -1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
NETPHY⒙ -1 10/100 MBPS ETHERNET PHYSICAL LAYER SINGLE-CHIP TRANSCEIVER WITH 100BASE-FX SUPPORT
NetPHY -1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support

File Size 190.07K  /  44 Page

View it Online

Download Datasheet

    AM79C874 AM79C874VC

Advanced Micro Devices
Part No. AM79C874 AM79C874VC
OCR Text ... PHY Physical Layer Devices (multi-port) Am79C875 NetPHYTM-4LP Low Power Quad10/100-TX/FX Ethernet Transceiver Integrated Repeater/Hub Devices Am79C984A Am79C985 Enhanced Integrated Multiport Repeater (eIMRTM) Enhanced Integrated Mult...
Description NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver

File Size 507.05K  /  60 Page

View it Online

Download Datasheet

    BCM5388

ETC[ETC]
Part No. BCM5388
OCR Text ...s or groups on the network. For multi-Gigabit per second connections, multiple ports of the BCM5388 can be grouped together to form logical links. These links feature automatic load balancing. Broadcom(R), the pulse logo, and Connecting ...
Description 8 GE PORT SWITCH WITH INTEGRATED GE COPPER PHY

File Size 217.77K  /  2 Page

View it Online

Download Datasheet

    BCM5646 BCM564603

BOARDCOM[Broadcom Corporation.]
ETC
Part No. BCM5646 BCM564603
OCR Text MULTI-LAYER SWITCH FEATURES * * * * * * * * * * * * * * 24 10/100 Mb and 2 10/100/1000 Mb Ethernet ports High-speed 2.5-Gbps TurboGigTM st...port switching devices * Optimized for 48FE+2GE and 24+2GE switches * New service offerings for I...
Description StrataSwitch® II Integrated Multilayer Switch
STRATASWITCH II BCM5646 INTEGRATED MULTI-LAYER SWITCH
INTEGRATED MULTI LAYER SWITCH

File Size 98.36K  /  2 Page

View it Online

Download Datasheet

    BCM5673

Electronic Theatre Controls, Inc.
Broadcom Corporation.
ETC
Part No. BCM5673
OCR Text ...performance 10 Gigabit Ethernet Multi-layer switching applications targeting the following types of systems: * * * * Standalone systems Sta...port switch, which supports a 10 Gigabit Ethernet (IEEE802.3ae) port and a HiGigTM uplink port. The ...
Description 10GIGABIT ETHERNET / HIGIG MULTILAYER SWICH

File Size 157.69K  /  2 Page

View it Online

Download Datasheet

For multi-port Found Datasheets File :: 9284    Search Time::1.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of multi-port

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1021370887756