PART |
Description |
Maker |
ER306 ER302 ER300 ER301 ER301A ER303 ER304 |
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts 3.0A, 150V ultra fast recovery rectifier 3.0A, 100V ultra fast recovery rectifier 3.0A, 50V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components]
|
MR752FR MR756FR MR758FR MR750FR MR7510FR MR751FR M |
6.0A, 1000V ultra fast recovery rectifier (MR750FR - MR7510FR) 6 Amp Fast Recovery Rectifier 50 to 1000 Volts
|
MCC[Micro Commercial Components] Micro Commercial Compon...
|
G73MCS-DC9C G73AD-DC12 G73AD-DC12A G73AD-DC12C G73 |
RECT SCHOTTKY 40V 5A POWERMITE3 G73 G73 G73 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.3V-vf 150ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.2V-vf 250ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-15 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir DO-15 1K/BULK LENS RND YLW W/TPT HLDR
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
SCDAS05F SCNAS05F SCPAS05F SCDAS1F SCNAS1F SCPAS2F |
High Current, Fast Recovery Center Tap Rectifier(????靛?200V锛?俯搴?5???骞冲??存??垫?80A,澶х?娴? 蹇???㈠?姝d腑蹇??澶存?娴?? 80 A, 200 V, SILICON, RECTIFIER DIODE High Current,Fast Recovery Doubler Rectifier(????靛?200V锛?俯搴?5???骞冲??存??垫?40A,澶х?娴?蹇???㈠?????存??? FAST RECOVERY DOUBLER AND CENTER TAPS
|
Semtech Corporation
|
FFAF20U60DN FFAF20U60DNTU |
320 x 240 pixel format, CFL backlight available with power harness 20 A, 600 V, SILICON, RECTIFIER DIODE ULTRA FAST RECOVERY POWER RECTIFIER 20A/600V Ultra Fast Recovery Rectifier
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FFAF40U60DN FFAF40U60DNTU |
320 x 240 pixel format, CFL backlight available with power harness 40 A, 600 V, SILICON, RECTIFIER DIODE ULTRA FAST RECOVERY POWER RECTIFIER 40A/600V Ultra Fast Recovery Rectifier
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
R5021018 R5030418 R5031418 R5031018 R5020818 R5021 |
Fast Recovery Rectifier (175 Amperes Average 1400 Volts) Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 快速恢复整流器175安培平均1400伏特 Fast Recovery Rectifier (175 Amperes Average 1400 Volts) 175 A, 1400 V, SILICON, RECTIFIER DIODE, DO-8 800V, 175A fast recovery single diode 1400V, 175A fast recovery single diode 1000V, 175A fast recovery single diode 1200V, 175A fast recovery single diode 600V, 175A fast recovery single diode
|
POWEREX[Powerex Power Semiconductors] Powerex, Inc. Powerex Power Semicondu...
|
SCAS05F SCAS4F SCAS2F |
FAST RECOVERY 1 PHASE FULL WAVE BRIDGE RECTIFIERS Fast Recovery 1-Phase Full Wave Bridge Rectifier(反向电压400V,管壳温55℃时平均整流电流65A,快速恢复,1相全波桥整流 Fast Recovery 1-Phase Full Wave Bridge Rectifier(????靛?200V锛??澹虫俯搴?5???骞冲??存??垫?65A锛?揩???澶??1?稿?娉㈡ˉ?存??? 16 A, SILICON, BRIDGE RECTIFIER DIODE
|
Semtech Corporation
|
BYT12P-600 BYT12P/600A BYT12P-800 BYT12P/800A |
Fast Recovery Rectifier Diodes Ultra Fast Recovery Silicon Power Rectifier
|
ST Microelectronics Vishay Intertechnology
|
1N3903 1N3901 1N3900 1N3900R IN3900 IN3901 IN3902 |
Ultra Fast Rectifier (less than 100ns) Fast Recovery Rectifier FastRectifier(100-500ns)
LED 5MM 574NM ALINGAP GRN CLEAR Fast Rectifier (100-500ns) 20 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
3BH41 3GH41 EE08669 |
Silicon diffused type fast recovery diode for high speed rectifier applications FAST RECOVERY DIODE (HIGH SPEED RECTIFIER APPLICATIONS) From old datasheet system HIGH SPEED RECTIFIER APPLICATION (FAST RECOVERY)
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|