PART |
Description |
Maker |
AV9155 AV9155-01W20 AV9155-02M20 AV9155-23M20 AV91 |
5015 RR 4#8 PIN RECP 5015 RR 8#12 PIN RECP RoHS Compliant: No 5015 RR 4#12 SKT RECP MB 12C 8#20 4#16 PIN RECP 15K 1% 1/8W 0805 High-Performance Impact<TM> PAL<R> Circuits 24-CDIP -55 to 125 Low Cost 20-Pin Frequency Generator 低成20引脚频率发生 5015 RR 4#12 PIN RECPT 低成0引脚频率发生 5015 RR 4#8 SKT RECP 低成0引脚频率发生 Low Cost 20-Pin Frequency Generator 低成0引脚频率发生 5015 RR 3#8 PIN PLUG 低成0引脚频率发生 MB 8C 8#20 SKT RECP 低成0引脚频率发生 ZB 20,3:UNPRINTED 低成0引脚频率发生 Low-cost 20-pin frequency generator
|
Integrated Circuit Syst... ICST[Integrated Circuit Systems] Bourns, Inc. Glenair, Inc. Integrated Device Technology
|
QL2009 QL2009-0PB256C QL2009-0PB256I QL2009-0PF144 |
3.3V and 5.0V pASIC 2 FPGA combining speed, density, low cost and flexibility. 3.3V and 5.0V pASIC? 2 FPGA Combining Speed Density Low Cost and Flexibility 3.3V and 5.0V pASICò 2 FPGA 3.3V and 5.0V pASIC? 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed/ Density/ Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(高速,高可用密度,低成本、可适应性强.3V.0V pASIC 2系列场可编程逻辑器件) PT 6C 6#20 PIN RECP PT 8C 8#20 PIN RECP 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V.0V帕希奇? 2 FPGA的结合速度,密度,低成本和灵活
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. QuickLogic Corp.
|
MCP4022-202E/CH MCP4022-202E/MC MCP4022-202E/MS MC |
Low-Cost NV Digital POT with WiperLock Technology Low-Cost NV Digital POT with WiperLockTechnology Low-Cost NV Digital POT with WiperLock?/a> Technology Low-Cost NV Digital POT with WiperLock?Technology
|
Microchip Technology Inc.
|
AD2S44SM13 AD2S44SM10 AD2S44SM10B AD2S44SM12B AD2S |
Low Cost, 14-Bit, Dual Channel Synchro/Rosolver-to-Digital Converter Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
|
Analog Devices
|
SCA3060 |
Digital Low Cost Low Power Automotive Qualified 3-axis Accelerometer
|
Murata
|
MAX4473 |
Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications in 8-Pin QFN
|
MAXIM - Dallas Semiconductor
|
5962F9584501VYC 5962H9584501VYC 5962R9584501VYC 59 |
2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs 5-Pin, Multiple-Input, Programmable Reset ICs Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs in µMAX 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX x8的SRAM x8 SRAM x8的SRAM
|
Analog Devices, Inc. California Micro Devices Corporation
|
ADP1109AN ADP1109AN-33 ADP1109AN-5 ADP1109AR ADP11 |
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-DC Converter Micropower Low Cost Fixed 3.3 V/ 5 V/ 12 V and Adjustable DC-to-DC Converter CIR 55C 55#16 PIN RECP WALL Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter 1.2 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDIP8 Voltage-Mode SMPS Controller 1.2 A SWITCHING REGULATOR, 155 kHz SWITCHING FREQ-MAX, PDSO8
|
Analog Devices, Inc. http://
|
HI1-5680 HI-5680 |
12-Bit Low Cost Monolithic Digital to Analog Converter
|
Harris Semiconductor
|
ADM705 ADM705AN ADM705AR ADM706 ADM706AN ADM706AR |
3 V/ Voltage Monitoring uP Supervisory Circuits Low Cost uP Supervisory Circuits 低成本的监控电路 Low Cost uP Supervisory Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 Low Cost P Supervisory Circuits Low Cost uP Supervisory Circuits
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|