Part Number Hot Search : 
TDA68122 2SD1026 7823A KD30GB80 PM537CE 3M016 MLX90 24AA16
Product Description
Full Text Search
  tr-14 Datasheet PDF File

For tr-14 Found Datasheets File :: 63085    Search Time::1.485ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ICS844251-14 844251BG-14 844251BG-14LF 844251BG-14LFT 844251BG-14T

INTEGRATED DEVICE TECHNOLOGY INC
http://
Part No. ICS844251-14 844251BG-14 844251BG-14LF 844251BG-14LFT 844251BG-14T
OCR Text .../Fall Time Output Duty Cycle tR / tF odc NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature r...14 REV. A MAY 1, 2009 ICS844251-14 FEMTOCLOCKTMCRYSTAL-TO-LVDS CLOCK GENERATOR Typical Phase N...
Description 625 MHz, OTHER CLOCK GENERATOR, PDSO8
FEMTOCLOCK CRYSTAL-TO-LVDS CLOCK GENERATOR
FEMTOCLOCK?/a> CRYSTAL-TO-LVDS CLOCK GENERATOR
FEMTOCLOCK垄芒 CRYSTAL-TO-LVDS CLOCK GENERATOR

File Size 734.08K  /  16 Page

View it Online

Download Datasheet





    ECLIPTEK CORP
Part No. ECCM1-14-12.960MTR
OCR Text tr eccm1 -14 -12.960m tr series rohs compliant (pb-free) 5.0mm x 7.0mm ceramic smd crystal frequency tolerance/stability 50ppm at 25c, 100ppm over 0c to +70c mode of operation at-cut fundamental packaging options tape & reel nominal frequ...
Description QUARTZ CRYSTAL RESONATOR, 12.96 MHz

File Size 155.47K  /  5 Page

View it Online

Download Datasheet

    C-13-155-T3-SST3A-14-G5

Source Photonics, Inc.
Part No. C-13-155-T3-SST3A-14-G5
OCR Text ...ve Intensity Noise Total Jitter tr tf RIN TJt Po ER -15 1261 8.2 1310 -8 1360 7.7 dBm nm nm dB RMS() output power is coupled into a 9/125 ...14-G5 Transmitter Specifications, Parameter Electrical Power Supply Current Data Input Current-Lo...
Description 155 Mbps Single Mode Transceiver

File Size 1,093.52K  /  7 Page

View it Online

Download Datasheet

    TR2.5-800-14 TR25 TR2.5-400-14 TR2.5-600-14 TR2.5-700-14

Transys Electronics Ltd.
TRSYS
Part No. TR2.5-800-14 TR25 TR2.5-400-14 TR2.5-600-14 TR2.5-700-14
OCR Text TR2.5 SERIES SILICON TRIACS l l l l l Sensitive Gate Triacs 2.5 A RMS Glass Passivated Wafer 400 V to 800 V Off-State Voltage Max IGT of...14 TR2.5-600-14 TR2.5-700-14 TR2.5-800-14 SYMBOL VALUE 400 VDRM 600 700 800 IT(RMS) ITSM ITSM IGM PG...
Description SILICON TRIACS

File Size 333.15K  /  3 Page

View it Online

Download Datasheet

    PLL502-14 PLL502-14SOC PLL502-14SOI PLL502-14SOM PLL502-14SSC PLL502-14SSI PLL502-14SSM

PhaseLink Corporation
Part No. PLL502-14 PLL502-14SOC PLL502-14SOI PLL502-14SOM PLL502-14SSC PLL502-14SSI PLL502-14SSM
OCR Text ...ls Test Circuit OUT SYMBOL tr tf CONDITIONS R L = 100 C L = 10 pF (see figure) MIN. 0.2 0.2 TYP. 0.7 0.7 MAX. 1.0 1.0 U...14 192MHz - 400MHz Low Phase Noise LVDS VCXO (12 - 25MHz Crystal) PACKAGE INFORMATION 16 PIN ...
Description 192MHz - 400MHz Low Phase Noise LVDS VCXO (12 - 25MHz Crystal)

File Size 95.95K  /  6 Page

View it Online

Download Datasheet

    C-14-13-D06-BD-SLCL-G5 C-14-13-D06-BD-SLCL-GR C-14-13-D06-BD-SSCL-G5 C-14-13-D06-BD-SSCL-GR C-14-13-D06-BD-SLCL C-14-13-

Source Photonics, Inc.
Part No. C-14-13-D06-BD-SLCL-G5 C-14-13-D06-BD-SLCL-GR C-14-13-D06-BD-SSCL-G5 C-14-13-D06-BD-SSCL-GR C-14-13-D06-BD-SLCL C-14-13-D06-BD-SSCL
OCR Text ...Time L Symbol Pf Sr Ith VF tr/ tf Min 0.3 1480 30 - Typical 1490 35 1.2 - Max 0.8 1500 20 1.5 0.3 Unit mW nm dB mA V ns...14/13-D06-BD-SXXL-XX Detector =1100~1430nm DC Electrical Characteristics( Tc=25C) Parameter ...
Description 1490nm Emitting(DFB) , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module

File Size 519.38K  /  5 Page

View it Online

Download Datasheet

    C-13-14-F06-BD-SLCL-G5 C-13-14-F06-BD-SLCL-GR C-13-14-F06-BD-SSCL-G5 C-13-14-F06-BD-SSCL-GR C-13-14-F06-BD-SSCL C-13-14-

Source Photonics, Inc.
Part No. C-13-14-F06-BD-SLCL-G5 C-13-14-F06-BD-SLCL-GR C-13-14-F06-BD-SSCL-G5 C-13-14-F06-BD-SSCL-GR C-13-14-F06-BD-SSCL C-13-14-F06-BD-SLCL C-13/14-F06-BD-SSCL-G5 C-13/14-F06-BD-SLCLGR
OCR Text ... ns Ibias=Ith ,10% to 90% tr/ tf Monitor Diode Monitor Current Dark Current Capacitance Im IDARK Ct 100 6 0.1 15 A A pF CW, Pf...14-F06-BD-SXXL-XX Detector =1480-1500nm DC Electrical Characteristics( Tc=25C) Parameter Pow...
Description FIBER OPTIC DEVICE-DUPLEX MODULE, 1290-1330nm, THROUGH HOLE MOUNT-RIGHT ANGLE, LC CONNECTOR
FIBER OPTIC DEVICE-DUPLEX MODULE, 1290-1330nm, THROUGH HOLE MOUNT-RIGHT ANGLE, SC CONNECTOR
1310nm Emitting , 1490nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module

File Size 536.61K  /  4 Page

View it Online

Download Datasheet

    SD100-14-21-021

Advanced Photonix, Inc.
Part No. SD100-14-21-021
OCR Text ...MBOL ID RSH CJ lrange R VBR NEP tr CHARACTERISTIC Dark Current Shunt Resistance Junction Capacitance Spectral Application Range Responsivity...14 190 13 TYP 0.3 MAX 1.6 UNITS nA MW pF nm A/W V W/ Hz nS **Response time of 10% to 90% is spec...
Description Red Enhanced High Performance Silicon Photodiode

File Size 93.41K  /  1 Page

View it Online

Download Datasheet

    SD200-14-21-041

Advanced Photonix, Inc.
Part No. SD200-14-21-041
OCR Text ...MBOL ID RSH CJ lrange R VBR NEP tr CHARACTERISTIC Dark Current Shunt Resistance Junction Capacitance Spectral Application Range Responsivity...14 190 13 TYP 1.3 MAX 6.5 UNITS nA MW pF nm A/W V W/ Hz nS **Response time of 10% to 90% is spec...
Description Red Enhanced High Performance Silicon Photodiode

File Size 92.23K  /  1 Page

View it Online

Download Datasheet

    IPD50N06S2-14

Infineon Technologies AG
Part No. IPD50N06S2-14
OCR Text ...2 V nC C iss C oss Crss t d(on) tr t d(off) tf V DD=30 V, V GS=10 V, I D=50 A, R G=7.5 V GS=0 V, V DS=25 V, f =1 MHz 1485 464 167 13 29 30 ...14 1 Power dissipation P tot = f(T C); V GS 6 V 2 Drain current I D = f(T C); V GS 10 V 1...
Description OptiMOS Power-Transistor

File Size 147.17K  /  9 Page

View it Online

Download Datasheet

For tr-14 Found Datasheets File :: 63085    Search Time::1.485ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of tr-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.56292414665222