PART |
Description |
Maker |
HCS361 HCS361-SN HCS361-P HCS361-ISN |
IC CONV AC/DC -5V 500MA SIP12 IC AC/DC CONV 12V 350MA SIP12 IC CONV AC/DC -5V 100MA SIP9 IC CONV AC/DC -12V 90MA SIP9 而Keeloq跳码编码
|
Microchip Technology Inc. Microchip Technology, Inc.
|
RS485-C1AS RS485-C1UK RS485-C1US |
RS232/RS485 CONV (AS) RS232/RS485接口换(英国 RS232/RS485 CONV (UK) RS232/RS485 CONV (US)
|
|
MPD5D016S |
CONV DC/DC 5W 2.5VOUT 1.2A SMT
|
MURATA MANUFACTURING CO LTD
|
MPD6D104S |
CONV DC/DC 10W 1.8VOUT 3A SMT 1-OUTPUT 5.4 W DC-DC REG PWR SUPPLY MODULE
|
Murata Manufacturing Co., Ltd.
|
KSC839 |
NPN (FM/AM RADIO RF AMP/ CONV/ OSC/ IF AMP) NPN (FM/AM RADIO RF AMP, CONV, OSC, IF AMP)
|
Samsung semiconductor
|
X25160 X25160P X25160P-2.7 X25160PI X25160PI-2.7 X |
CONV DC/DC 48V 140W 4:1 1/8BRICK SPI串行E2PROM的保护带座LockTM CONNECTOR ACCESSORY SPI Serial E2PROM With Block LockTM Protection
|
TE Connectivity, Ltd. XICOR[Xicor Inc.]
|
FM350-AL FM320-AL FM330-AL FM340-AL FM380-AL FM310 |
2mm TERMINAL STRIP IC DC/DC CONV;5V-TO-3.3V; 3A; SMD 肖特基二极管芯片-硅外延式龙门 Chip Schottky Barrier Diodes - Silicon epitaxial planer type 肖特基二极管芯片-硅外延式龙门
|
美丽微半导体有限公司 Formosa Microsemi Co., Ltd. 缇?附寰??瀵间???????
|
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|
7700H0021 7700H0023 |
5V, SINGLE CHANNEL, 12 BIT SERIAL A/D CONVERTER, -40C to 125C, 5-SOT-23, T/R 接口IC 5V single chan 12 Bit Ser A/D Conv w/software addressble 12C ntrfc address 011. 接口IC
|
Glenair, Inc.
|
ADP3000AR-12-REEL ADP3000AR-3.3-REEL ADP3000AR-REE |
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
|
Analog Devices
|
SC2441 SC2441ITSTRT SC2441EVB |
Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|