PART |
Description |
Maker |
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
8EWS08STRL 8EWS08STRR 8EWS08S 8EWS10S 8EWS12S 8EWS |
SURFACE MOUNTABLE INPUT RECTIFIER DIODE 8 A, 1000 V, SILICON, RECTIFIER DIODE, TO-252AA 800V 8A Std. Recovery Diode in a D-Pakpackage 1600V 8A Std. Recovery Diode in a D-Pakpackage
|
VISHAY SEMICONDUCTORS IRF[International Rectifier]
|
DSEP2X31-03A DSEP2X31-04A DSEP2X31-12A DSEP2X31-06 |
30 A, 300 V, SILICON, RECTIFIER DIODE MINIBLOC-4 30 A, 400 V, SILICON, RECTIFIER DIODE MINIBLOC-4 30 A, 1200 V, SILICON, RECTIFIER DIODE MINIBLOC-4 30 A, 600 V, SILICON, RECTIFIER DIODE MINIBLOC-4 60 A, 1200 V, SILICON, RECTIFIER DIODE MINIBLOC-4 HiPerFREDTM Epitaxial Diode with soft recovery 30 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AC Versatile Miniature Switch, High Performance
|
IXYS, Corp. IXYS CORP
|
20ETS12STRR 20ETS08 20ETS08S 20ETS08STRL 20ETS08ST |
INPUT RECTIFIER DIODE 1200V 20A Std. Recovery Diode in a D2-Pakpackage 1200V 20A Std. Recovery Diode in a TO-220AC (2-Pin)package 20ETS12/20ETS12S 800V 20A Std. Recovery Diode in a D2-Pakpackage 800V 20A Std. Recovery Diode in a TO-220AC (2-Pin)package From old datasheet system SURFACE MOUNTABLE INPUT RECTIFIER DIODE
|
InternationalRectifier IRF[International Rectifier]
|
71HF40M 72HF80M 72HFR80 72HFR80M 70HFR40 70HFR40M |
DIODE 70 A, 1400 V, SILICON, RECTIFIER DIODE, DO-203AB, DO-5, 1 PIN, Rectifier Diode DIODE 70 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AB, DO-5, 1 PIN, Rectifier Diode DIODE 70 A, 1600 V, SILICON, RECTIFIER DIODE, DO-203AB, DO-5, 1 PIN, Rectifier Diode STANDARD RECOVERY DIODES
|
Vishay Semiconductors IRF[International Rectifier] http://
|
EFM202L EFM201L EFM203L EFM204L EFM205L EFM206L EF |
2 A, 150 V, SILICON, RECTIFIER DIODE 2 A, 300 V, SILICON, RECTIFIER DIODE SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Ampere 2 A, 100 V, SILICON, RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
60EPSXXPBF |
INPUT RECTIFIER DIODE
|
International Rectifier
|
40EPS08 40EPS08PBF 40EPS12 40EPS12PBF |
Input Rectifier Diode, 40 A
|
Vishay Siliconix
|
25ETS12STRLPBF 25ETS10SPBF 25ETS08SPBF 25ETS08STRL |
Input Rectifier Diode, 25 A
|
Vishay Siliconix
|
VS-80EPS08PBF |
Input Rectifier Diode, 80 A
|
Vishay Siliconix
|
|