PART |
Description |
Maker |
DBTC-6-4-75 DBTC-75OHMSSERIES DBTC-10-4-75 DBTC-13 |
Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-15 Surface Mount Directional Couplers 表面贴装定向耦合 Surface Mount Directional Couplers 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 3.1 dB INSERTION LOSS-MAX
|
http:// MINI[Mini-Circuits]
|
2020-6600-06 2020-6628-06 |
Directional Couplers Mini Octave Bandwidth
|
Tyco Electronics
|
2020-4017-10 2020-6630-20 2020-6611-30 2020-4114-2 |
Directional Couplers Mini, Octave Bandwidth
|
http:// M/A-COM Technology Solutions, Inc.
|
2020-6606-20 2020-6612-06 2020-6612-10 2020-6612-2 |
Directional Couplers Mini, Octave Brandwidth
|
http:// Tyco Electronics
|
2020-6606-06 2020-6610-10 2020-6631-20 2020-6604-2 |
Directional Couplers Mini, Octave Brandwidth 定向耦合器迷你,八度品牌宽度
|
Tyco Electronics SCHURTER AG
|
CRP-11N-1000 CRP-20N-1000 CRP-10N-250 CRP-20N-250 |
BI-DIRECTIONAL COUPLERS 5 MHz - 500 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 1 dB INSERTION LOSS-MAX 8 PIN
|
MERRIMAC INDUSTRIES INC Merrimac Industries, Inc. Merrimac Industries, In...
|
DBTC-17-5 DBTC-17-5L DBTC-17-55L |
Surface Mount Directional Couplers 50?/a> 50 to 2000 MHz Surface Mount Directional Couplers 50з 50 to 2000 MHz Surface Mount Directional Couplers 50 50 to 2000 MHz
|
Mini-Circuits
|
10615-20 |
Directional Couplers
|
Anaren Microwave
|
1G0617-20-14 |
Directional Couplers
|
Anaren Microwave
|
CWM-10-8GSQ |
DIRECTIONAL COUPLERS
|
Merrimac Industries, Inc.
|
CWM-10-6GSQ |
DIRECTIONAL COUPLERS
|
Merrimac Industries, Inc.
|