PART |
Description |
Maker |
ST72T631K1B0 ST72T631K1B1 ST72T631K1D0 ST72T631K1D |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
STMICROELECTRONICS[STMicroelectronics]
|
ST7263BK2B1 ST72F63BK4M1 ST72P63BK4M1 ST72F63BK1B1 |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C 低速USB 8位微控制器闪 ROM家庭,高12字节RAM位ADC,水分散粒剂,定时器,SCI LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
STMicroelectronics N.V. 意法半导
|
ST7260K1U1_XXX ST72F60E1M1 ST72F60E2M1 ST72F60K1U1 |
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72F63BK1M |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C, SO34-PSDIP32
|
SGS Thomson Microelectronics
|
ST72632 |
Low Speed USB 8-Bit MCU Family with up to 16K Memory, up to 512 Bytes RAM, 8-BIT ADC, WDG, Timer, SCI &IIC(高速USB8位微控制8M)) 低速USB 8位微控制器系列高6K的内存,高达512字节RAM位ADC,水分散粒剂,定时器,SCI
|
STMicroelectronics N.V.
|
ST72F62 |
LOW SPEED USB 8-BIT MCU
|
ST Microelectronics
|
CY7C656201105 CY7C65620-56LFXCT CY7C65630-56LFXA C |
EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family EZ-USB HX2LP(TM) Low Power USB 2.0 Hub Controller Family; Development Kit: Hub Ports: 2; USB Application: High Speed Hub; UNIVERSAL SERIAL BUS CONTROLLER, QCC56 EZ-USB HX2LPLow-Power USB 2.0 Hub Controller Family UNIVERSAL SERIAL BUS CONTROLLER, QCC56 EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family EZ-USB HX2LP(TM) Low Power USB 2.0 Hub Controller Family; Development Kit: CY4606; Hub Ports: 4; USB Application: High Speed Hub; EZ-USB HX2LP(TM) Low Power USB 2.0 Hub Controller Family; Development Kit: Hub Ports: 2; USB Application: High Speed Hub; EZ-USB HX2LP(TM) Low Power USB 2.0 Hub Controller Family; Development Kit: CY4605; Hub Ports: 2; USB Application: High Speed Hub;
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
C8051F321-GMR |
Full Speed USB, 16 k ISP FLASH MCU Family
|
Silicon Laboratories
|
C8051F341-GQ C8051F34B-GQ C8051F34B-GM C8051F342-G |
Full Speed USB Flash MCU Family 8-BIT, FLASH, 48 MHz, MICROCONTROLLER, PQFP48 On-chip debug circuity facilitates full speed non-intru-sive in-system debug (No emulatr required)
|
Silicon Laboratories, Inc.
|
C9860-44 C9872-22 C9860-42 |
ST7265X - LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER 光电
|
ON Semiconductor
|
ST7FSCR1E4 ST7SCR1E4 |
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER (DATA BRIEFING)
|
ST Microelectronics
|
STR71XF STR712FR0XX STR71XF07 STR711FR1XX STR710FR |
ARM7TDMI 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces(带Flash, USB, CAN 5个定时器, ADC, 10个通信接口的ARM7TDMI 32位MCU) ARM7TDMI2位微控制器的闪存,USB,可5定时器,ADC10通讯接口(带闪存,USB,可5个定时器,ADC10个通信接口的ARM7TDMI2位微控制器) ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
|
STMicroelectronics N.V. 意法半导
|
|