PART |
Description |
Maker |
CS8421 CS8421-DZZ CS8421-DZZR CS8421-CZZ CS8421-CZ |
32-bit, 192 kHz, asynchronous, stereo sample-rate converter 32-bit, 192 kHz Asynchronous Sample Rate Converter
|
CIRRUS LOGIC INC Cirrus Logic, Inc.
|
AKD4121A |
Asynchronous Sample Rate Converter
|
Asahi Kasei Microsystem...
|
SM5849BF |
Asynchronous Sample Rate Converter
|
Nippon Precision Circuits Inc
|
AK4125 |
digital sample rate converter.
|
Asahi Kasei Microsystems
|
SMP11GY SMP10EY SMP10AY SMP11BY SMP11FY SMP11GP SM |
Low Droop Rate / Accurate / Sample and Hold Amplifiers IC,SAMPLE/TRACK-AND-HOLD AMPLIFIER,SINGLE,DIP,14PIN,CERAMIC LOW DROOP RATE/ACCURATE SAMPLE-ANDHOLD AMPLIFIERS
|
adi Analog Devices http://
|
CS8422 |
24-bit 192-kHz Asynchronous Sample Rate Converter
|
Cirrus Logic
|
CDB8422 CS8422-DNZ CS8422-CNZ |
24-bit, 192 kHz, Asynchronous Sample Rate Converter with
|
Cirrus Logic
|
AD1896 AD1896YRS AD1896YRSRL |
192 kHz Stereo Asynchronous Sample Rate Converter
|
Analog Devices
|
AD1893JN AD1893JST |
Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
|
Analog Devices, Inc.
|
SAA4979 SAA4979H/V103 SAA4979H/V105 SAA4979H/V106 |
SAA4979H; Sample rate converter with embedded high quality dynamic noise reduction and expansion port
|
Philips
|
SS6734G SS6734-18GU SS6734-18GUTR SS6734-18GXATR S |
SMA (F) TO N (F) BHD ADAPTER SMA (J) TO N (J) ADAPTER 300mA低压差线性稳压器 A/D Converter (A-D) IC; Resolution (Bits):16; ADC Sample Rate:20kSPS; Input Channels Per ADC:2; INL /-:0.0015LSB; Data Interface:Serial; Package/Case:28-PLCC; Leaded Process Compatible:No; Number of Bits:8 300mA低压差线性稳压器 STEREO A/D CONVERTER CS5330A-KS SMD, SOJ-8 300mA低压差线性稳压器 16-Bit 100 kHz A/D Converter pb free 300mA低压差线性稳压器 300MA LOW DROPOUT LINEAR REGULATOR 300mA低压差线性稳压器 A/D Converter (A-D) IC; Resolution (Bits):18; Sample Rate:50kSPS; Input Channels Per ADC:2; Input Channel Type:Single Ended; Data Interface:Serial; Package/Case:8-SOIC; Leaded Process Compatible:Yes; No. of Bits:18 RoHS Compliant: Yes 300mA低压差线性稳压器 CAP 51PF 100V 5% NP0(C0G) SMD-0805 TR-7 PLATED-NI/SN SMA (F) TO TNC (F) ADAPTERS SMA (F) TO TNC (M) ADAPTER A/D Converter (A-D) IC; Resolution (Bits):18; Sample Rate:50kSPS; Input Channels Per ADC:2; Input Channel Type:Single Ended; Data Interface:Serial; Package/Case:8-SOIC; Interface Type:Serial; Leaded Process Compatible:No RoHS Compliant: No 300MA LOW DROPOUT LINEAR REGULATOR
|
Richtek Technology, Corp. Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers List of Unclassifed Man...
|
PER-1100 TF-PER-1100-A10 |
Riser card for EMB-830
|
AAEON Technology
|