PART |
Description |
Maker |
NAND01G-A NAND01GW3A NAND01GW3A0AN6 |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
|
STMicroelectronics
|
DD28F032SA DD28F032SA-080 DD28F032SA-070 DD28F032S |
32-MBIT (2 MBIT X 16/ 4 MBIT X 8) FlashFile MEMORY 32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFileMEMORY 32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY 4M X 8 FLASH 12V PROM, 100 ns, PDSO56
|
Intel Corporation Intel Corp. PROM Intel, Corp.
|
M29DW127G M29DW127G70NF6E |
128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
|
Numonyx B.V
|
NAND256-A NAND01G-A NAND01GW3A2AZB1 NAND01GW3A0AZB |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories 128兆,256兆,512兆位千兆位(x8/x1628 Byte/264字的页面.8V/3V,NAND闪存芯片 128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories 128兆,256兆,512兆位1千兆位(x8/x1628 Byte/264字的页面1.8V/3V,NAND闪存芯片 128M X 8 FLASH 1.8V PROM, 35 ns, PBGA63 8M X 16 FLASH 1.8V PROM, 35 ns, PDSO48 64M X 8 FLASH 3V PROM, 35 ns, PBGA55 64M X 16 FLASH 1.8V PROM, 35 ns, PDSO48 128M X 8 FLASH 3V PROM, 35 ns, PDSO48 8M X 16 FLASH 3V PROM, 35 ns, PDSO48 32M X 16 FLASH 3V PROM, 35 ns, PDSO48 32M X 16 FLASH 3V PROM, 35 ns, PBGA55
|
ST Microelectronics 意法半导 STMicroelectronics N.V. NUMONYX http://
|
BBS-15 BBS-1/4 BBS-2/10 BBS-1-8/10 BBS-10 BBS-1-6/ |
72-Mbit QDR-II SRAM 2-Word Burst Architecture 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 72-Mbit DDR-II SRAM 2-Word Burst Architecture 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 36-Mbit QDR-II SRAM 4-Word Burst Architecture Fuse 256K (32K x 8) Static RAM 64/256/512/1K/2K/4K x 18 Synchronous FIFOs Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs Neuron® Chip Network Processor 64-Kbit (8K x 8) Static RAM 72-Mbit QDR™-II SRAM 2-Word Burst Architecture 保险
|
NXP Semiconductors N.V.
|
S29GL256N |
512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
|
Cypress Semiconductor
|
M36P0R8070E0 M36P0R8070E0ZACE M36P0R8070E0ZACF |
256 Mbit (x16, multiple bank, multilevel, burst) Flash memory 128 Mbit (burst) PSRAM, 1.8 V supply, multichip package
|
Numonyx B.V
|
M39P0R9080E0ZAD M39P0R9080E0ZADE M39P0R9080E0ZADF |
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 256 Mbit Low Power SDRAM, 1.8V Supply, Multi-Chip Package
|
Numonyx B.V
|
SST27SF020-70-3C-PH |
256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
|
SST
|
SST27SF010-70-3C-NHE SST27SF010-70-3C-PHE SST27SF0 |
512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
|
SST[Silicon Storage Technology, Inc]
|
IS75V16F128GS32 IS75V16F128GS32-7065BI |
3.0 Volt Multi-Chip Package (MCP) 128 Mbit Simultaneous Operation Flash Memory and 32 Mbit Pseudo Static RAM
|
ISSI[Integrated Silicon Solution, Inc]
|