PART |
Description |
Maker |
258-501-64-381312 258-501-64-3812-15 |
filament replacement leds Direct replacement for T6.8 Slide Base Durable to shock and vibration
|
Marl International Limited Marl International Limi...
|
235-040-93 235-046-97 235-038-931307 235-038-93-13 |
filament replacement leds Direct replacement for T1 ? Midget Groove S5.7s Water clear lens Voltage ranges to suit both AC and DC operation
|
Marl International Limited Marl International Limi...
|
LC0408FC3.3C LC0408FC05C |
Direct ProTek Replacement:LC0408FC3.3C Direct ProTek Replacement:LC0408FC05C 直接太克替代:LC0408FC05C
|
ProTek Devices
|
236-043-93 236-043-96 236-043-97 236-043-98 236-03 |
Direct replacement for T1 ? Midget Flange SX6s
|
Marl International Limited
|
215-000-04-50 215-501-00-50 215-501-00-51 215-501- |
Direct replacement for T3 ? Bayonet Automobile Cap
|
Marl International Limited
|
218-521-23-65 218-521-75-65 218-521-86-65 218-501- |
Direct replacement for E26 (North American Standard)
|
Marl International Limited
|
DEC1-A19-0IW-120A DEC1-A19-0IW-240A DEC1-A19-0IW-0 |
Direct Incandescent Replacement -- Up to 90% Energy Savings A19 DecorLEDEdison Screw Based 30ì LED Lamps 直接白炽灯更高达90%的节能解答19 DecorLED⑩螺基于30ì LED灯具
|
LEDTRONICS, INC Infineon Technologies AG
|
IM801 IM801B IM801C IM801D IM801E |
Direct pin to pin drop-in replacement for industry-standard packages MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000 MHz
|
ILSI America LLC MMD Components
|
IM802 IM802B IM802C IM802D IM802E |
Direct pin to pin drop-in replacement for industry-standard packages MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 115.000 MHz to 137.000 MHz
|
ILSI America LLC MMD Components
|
ST72T311N2B3S ST72E311 ST72E311N4D0S |
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS Bits number of 8 Memory type EPROM Microprocessor/controller features POR/Direct LED/Triac drive/AD Converters/PWM/Watchdog/LVD/SPI/SCI Frequency clock 16 MHz Memor
|
ST Microelectronics SGS Thomson Microelectronics
|
B40R B125R B250R B380R B500R B80R B40R28 B125R28 B |
Silicon-Bridge Rectifiers Replacement with:B40C800A/B/G/M/SI/W/PB152M/PB202M/RB202/RC202/WB201/2W01/WB151 Replacement with:PB154M/PB204M/RB204/RC204/WB154/WB204/2W02/W02G/B125C1500G/M/R Replacement with:PB155M/PB205M/RB206/RC205/WB156/WB206/W06G/B250C1500G/M/R/2W08 置换PB155M/PB205M/RB206/RC205/WB156/WB206/W06G/B250C1500G/M/R/2W08 Replacement with:PB156M/P206M/RB208/RC206/WB158/WB208/W08G/1W10/G/2W10/G/W08M 置换:PB156M/P206M/RB208/RC206/WB158/WB208/W08G/1W10/G/2W10/G/W08M
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG ITT, Corp.
|