PART |
Description |
Maker |
MAC97 MAC97A8RLRM MAC97A8RLRMG MAC97A8RLRP MAC97A8 |
Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 400 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 200 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
MAC320-10 MAC320-4 MAC320-6 MAC320-8 MAC320A10 MAC |
TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 200 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 600 V, 20 A, TRIAC, TO-220AB RF/Coaxial Connector; RF Coax Type:MMCX; Impedance:50ohm; Body Style:Straight Plug; Frequency Max:6GHz; Mounting Type:Edge Card; Voltage Rating:170V RoHS Compliant: Yes 800 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 800 V, 20 A, TRIAC, TO-220AB
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
BT131 Z0107MA BCR1AM-12 |
Sensitive Triac
|
Apollo Electron Co., Ltd.
|
CQ218I-25B CQ218I-25D CQ218I-25M CQ218I-25N |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 25AMP, 200 THRU 800 VOLTS
|
Central Semiconductor Corp.
|
CQ220I-6BS CQ220I-6MS CQ220I-6NS CQ220I-6DS |
ISOLATED TAB TRIAC 6.0AMP, 200 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Central Semiconductor Corp.
|
CQ202-4D-2 |
4.0 AMP TRIAC 200 THRU 800 VOLTS 400 V, 4 A, TRIAC
|
Central Semiconductor, Corp.
|
NTE56044 NTE56042 |
TRIAC, 16A, Sensitive Gate
|
NTE[NTE Electronics]
|
T1010H-6G T1010H-6G-TR T1010H-6T T1010H-6T-TR T101 |
High-temperature 10A sensitive gate Triacs High temperature 10 A sensitive TRIACs 600 V, 10 A, TRIAC, TO-220AB
|
ST Microelectronics STMicroelectronics
|
2N6346A 2N6347A 2N6345A 2N6343A 2N6348A 2N6342A 2N |
12-A silicon triac. 200 V. 12-A silicon triac. 400 V. 12-A silicon triac. 800 V. 12-A silicon triac. 600 V.
|
General Electric Solid State
|
BT139X BT139X-500 BT139X-500F BT139X-500G BT139X-6 |
Triacs(??????纭? Transient Voltage Suppressor Diodes 双向可控 DIODE ZENER SINGLE 200mW 2.7Vz 20mA-Izt 0.05 75uA-Ir 1 SOD-323 3K/REEL 800 V, 16 A, TRIAC Triacs(双向可控 500 V, 16 A, TRIAC Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
HTU4A60S |
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-251 PACKAGE)
|
SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
|