Part Number Hot Search : 
FSE0750 SBE002 AT27C 12E629 D1F20 1N5249C MAX189 1346205
Product Description
Full Text Search
  see Datasheet PDF File

For see Found Datasheets File :: 200891    Search Time::2.015ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    SUMIDA
Part No. see-16
OCR Text see-16 OUTLINE / 1. This is small size and high efficient up-down converter transformer which is 2 in 1 construction. (ex. SEPIC converter) 2. It is possible to output the high voltage which is hard to obtain with an ordinary inductor wi...
Description DC-DC CONVERTER (PIN)

File Size 187.41K  /  1 Page

View it Online

Download Datasheet





    SEE-16

Sumida Corporation
Part No. see-16
OCR Text see-16 OUTLINE / 1. This is small size and high efficient up-down converter transformer which is 2 in 1 construction. (ex. SEPIC converter) 2. It is possible to output the high voltage which is hard to obtain with an ordinary inductor wi...
Description DC-DC CONVERTER (PIN)

File Size 187.58K  /  1 Page

View it Online

Download Datasheet

    SUMIDA CORPORATION.
Part No. see-16
OCR Text see-16 see-16 outline / ? ? ? 2in??sepic, zeta`????? 2. ???????NR? ???? ?? ?? ?led?l?? this is small size and high efficient up-down converter transformer which is 2 in 1 construction. (ex. sepic converter) it is ...
Description DC-DC CONVERTER (PIN)

File Size 186.69K  /  1 Page

View it Online

Download Datasheet

    BUK754R3-75C BUK7E4R3-75C

NXP Semiconductors
Part No. BUK754R3-75C BUK7E4R3-75C
OCR Text ...ltage drain current VGS = 10 V; see Figure 2 and 3 limited by power dissipation at Tmb = 25 C limited by package at Tmb = 25 C limited by package at Tmb = 100 C IDM Ptot Tstg Tj IDR peak drain current total power dissipation storage tempera...
Description N-channel TrenchMOS standard level FET

File Size 89.73K  /  13 Page

View it Online

Download Datasheet

    DS2484

Maxim Integrated Products
Part No. DS2484
OCR Text ... *r p = i 2 c pullup resistor (see the pullup resistor r p sizing section for r p sizing) for related parts and recommended products to use with this part, refer to: www.maximintegrated.com/ds2484.related sda v cc scl slpz io r p * 3v...
Description Single-Channel 1-Wire Master

File Size 2,061.52K  /  29 Page

View it Online

Download Datasheet

    BUK9Y104-100B

NXP Semiconductors
Part No. BUK9Y104-100B
OCR Text ...j 175 C VGS = 5 V; Tmb = 25 C; see Figure 1; see Figure 3 Tmb = 25 C Min Typ Max Unit 100 V 14.8 A 59 W Static characteristics RDSon VGS = 10 V; ID = 5 A; Tj = 25 C VGS = 5 V; ID = 5 A; Tj = 25 C; see Figure 11; see Figure 12 86 91 9...
Description N-channel TrenchMOS logic level FET

File Size 176.10K  /  14 Page

View it Online

Download Datasheet

    Vishay Semiconductors
Part No. AZ23C39-V-GS08
OCR Text ...efinitions of compliance please see www.vishay.com/doc?99912 primary characteristics parameter value unit v z range nom. 2.7 to 51 v test current i zt 5ma v z specification pulse current int. construction dual common anode 20456 2 3 ...
Description AZ23-V-G-Series Small Signal Zener Diodes, Dual

File Size 870.14K  /  8 Page

View it Online

Download Datasheet

    2SA2011 2SC5564

SANYO[Sanyo Semicon Device]
Sanyo Electric Co., Ltd.
Part No. 2SA2011 2SC5564
OCR Text ...EBO ton tstg tf IE=(-)10A, IC=0 see specified Test Circuit see specified Test Circuit see specified Test Circuit Switching Time Test Circuit PW=20s D.C.1% INPUT VR 50 RB + 100F VBE=--5V + 470F VCC=5V IB1 IB2 OUTPUT RL 20IB1= --20I...
Description    DC/DC Converter Applications
NPN Epitaxial Planar Silicon Transistors DC/DC Converter Applications
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
PNP/NPN Epitaxial Planar Silicon Transistors
DC/DC Converter Applications 直流/直流转换器应

File Size 48.71K  /  5 Page

View it Online

Download Datasheet

For see Found Datasheets File :: 200891    Search Time::2.015ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of see

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.5309629440308