PART |
Description |
Maker |
8051AH 8751H 8752BH P8032AH 6051AHP TP8052AH TN805 |
8-Bit control-oriented microcontroller. Commercial. (P80xxAH) MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS MCS 51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS 8-bit control-oriented microcontroller with burn-in
|
INTEL[Intel Corporation]
|
LD8751BH LD8751H LD8751H-8 LD8752BH TD8031AH TD803 |
MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS
|
Intel Corporation
|
AM29LV256MH113R AM29LV256MH123R AM29LV256MH123RPGI |
256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control CAP, FILM, 0.22UF, 100V, PPS, 2825,5%,SM 256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control 16M X 16 FLASH 3V PROM, 120 ns, PDSO56 256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control 256兆位6 M中的x 16-Bit/32 M中的x 8位)MirrorBitTM 3.0伏特,只有统一闪存部门与VersatileI /价外控制
|
Advanced Micro Devices, Inc.
|
ADG3242BCZ-SF3 ADG3242BRJZ-REEL7 ADG324206 ADG3242 |
2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial 3242 SERIES, 2-BIT DRIVER, TRUE OUTPUT, PDSO8 2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
|
Analog Devices, Inc.
|
LED1642GWTTR |
16 Channels LED driver with Error detection, Current Gain Control and 12/16 bit PWM Brightness control
|
ST Microelectronics
|
AM29LV640MH/L |
64 Mbit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersitileI/O Control (Advance Information) 64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
|
Advanced Micro Devices
|
CS4398 CS4398-CZZ CS4398-CZZR CIRRUSLOGICINC-CS439 |
120 dB / 192 kHz Multi-Bit DAC with Volume Control 120 dB, 192 kHz Multi-Bit DAC with Volume Control SERIAL INPUT LOADING, 24-BIT DAC, PDSO28 DSD supported with 120 dB, 24 bit, 192-kHz stereo D/A converter
|
Cirrus Logic, Inc.
|
L2562ML12RI AM29LV2562MH120PII |
512 Megabit (16 M x 32-Bit/32 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
|
Advanced Micro Devices
|
S70GL256M00FFIIRA0 S70GL256M00FAIIRA0 S70GL256M00F |
256 Megabit (8 M x 32-Bit/16 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O Control
|
SPANSION[SPANSION]
|
DCR1595SW50 DCR1596SW DCR1595SW48 DCR1595SW47 DCR1 |
4900V phase control thyristor 5200V phase control thyristor 5100V phase control thyristor 5000V phase control thyristor Phase Control Thyristor 4487 A, 4800 V, SCR Phase Control Thyristor 相位控制晶闸 4700V phase control thyristor
|
DYNEX[Dynex Semiconductor] Dynex Semiconductor, Ltd.
|
AM29PDL128G90 AM29PDL128G AM29PDL128G70 AM29PDL128 |
128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIO Control
|
SPANSION[SPANSION]
|