PART |
Description |
Maker |
XR16C2852 |
Dual UART with TX and RX FIFO Counters, 128 Bytes of FIFOs and Automatic RS-485 Half Duplex Control
|
Exar
|
SC16IS752IBS157 |
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT617-1 (HVQFN32); Container: Tray Pack, Bakeable, Multiple 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32
|
NXP Semiconductors N.V.
|
SC16IS74Q900 SC16IS74011 |
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
|
NXP Semiconductors
|
AT89LS8252 AT89S8252 |
Low Voltage, Downloadable MCU with 8K bytes Flash and 2K bytes EEPROM. In-System Programmable Microcontroller with 8K bytes Flash & 2K bytes EEPROM
|
Atmel
|
SC68C2550B SC68C2550BIB48 SC68C2550BIB48128 |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and Motorola uP interface; Package: SOT313-2 (LQFP48); Container: Reel Pack, SMD, 13", Turned 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQFP48
|
NXP Semiconductors N.V.
|
ISL54216EVAL1Z ISL54216IRTZ ISL54216IRTZ-T ISL5421 |
USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
|
Intersil Corporation
|
LC86104C LC86108C |
Liquid Crystal Display Controller/ Driver, On-chip 4K bytes ROM or 8K Bytes ROM and On-chip 168 bytes RAM 8-BIT SINGLE CHIP MICROCOMPUTER LC86104C/LC86108C
|
SANYO
|
XR28V384IM48-F |
UART Interface IC 3.3V Quad LPC UART w/ 128-Byte FIFO
|
Exar, Corp.
|
MC68HLC705KJ1C MC68HLC705KJ1CDW MC68HLC705KJ1CS MC |
HCMOS microcontroller unit, 64 bytes RAM, 1240 bytes ROM, 4 MHz
|
Motorola
|
FT2232C04 |
Dual USB UART / FIFO I.C.
|
Future Technology Devices International Ltd.
|