PART |
Description |
Maker |
MAX3314E MAX3314ECKA-T MAX3314ECSA MAX3314ECUA MAX |
±15kV ESD-Protected, 460kbps, 1μA, RS-232-Compatible Transceiver ±15kV ESD-Protected, 460kbps, 1µA, RS-232-Compatible Transceiver 15kV ESD-Protected, 460kbps, 1A, RS-232-Compatible Transceiver 15kV ESD-Protected 460kbps 1A RS-232-Compatible Transceiver 【15kV ESD-Protected, 460kbps, 1レA, RS-232-Compatible Transceiver 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3185 MAX3185CAP MAX3185CWP MAX3185EAP MAX3185EW |
±15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs ±15kV ESD-Protected, EMC Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs 【15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs 3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones(3V, ±15kV ESD保护,自动关断,用于PDA和蜂窝式手机的RS-232收发器(5发))
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3483E MAX3483ECPA MAX3483ECSA MAX3483EEPA MAX34 |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 3.3V-Powered, ??5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 LINE TRANSCEIVER, PDSO8 3.3V-Powered, 5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Transmitter 48-BGA MICROSTAR JUNIOR -40 to 85 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS- 485/RS-422 Transceivers 3.3V-Powered 15kV ESD-Protected 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 【15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 15kV ESD-Protected / 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3238E MAX3238ECAI MAX3238EEAI MAX3248ECAI MAX32 |
3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins 卤15kV ESD-Protected, 3.0V to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceivers(卤15kV ESD淇??锛?.0V??.5V,浣????250kbps, RS-232?跺????5???讹?) 3.0V to 5.5V / 10nA / 250kbps RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceivers(±15kV ESD保护.0V.5V,低功250kbps, RS-232收发器(5收)) 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 【15kV ESD-Protected I/O and Logic Pins 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
DM8606C DM8606CFP DM8606CIFP |
6-Port Fast Ethernet Single Chip Switch Controller with MII/RMII/Reverse MII Interface
|
Davicom Semiconductor, Inc.
|
LAN9303MI-AKZE |
Small Form Factor Three Port 10/100 Managed Ethernet Switch with Dual MII/RMII/Turbo MII
|
SMSC Corporation
|
MAX3186 MAX3186CAP MAX3186CWP MAX3186EAP MAX3186EW |
±15kV ESD-Protected, EMC Compliant, 230kbps RS-232 Serial Port for Modems 【15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems ±15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems 15kV ESD-Protected / EMC-Compliant / 230kbps RS-232 Serial Port for Modems 2.5-V/3.3-V Oscillator Gain Stage/Buffer with Enable 8-WSON -40 to 85 5kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems LINE TRANSCEIVER, PDSO20 ??5kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
ISL83239EI ISL83239EIA ISL83239EIV ISL83239EIA-T I |
【15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers 15kV ESD Protected/ 10nA Supply- Current/ 3V to 5.5V/ 250kbps/ RS-232 Transmitters/Receivers 15kV ESD Protected 10nA Supply- Current 3V to 5.5V 250kbps RS-232 Transmitters/Receivers ±15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers Octal Bus Transceivers With 3-State Outputs 20-PDIP -40 to 85 ??5kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
|
INTERSIL[Intersil Corporation]
|
ADM3075EWYRZ-RL7 ADM3078EYRZ-REEL7 ADM3078EARZ ADM |
3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 16 Mbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps) Full-Duplex, RS-485/RS-422 Transceivers 3.3 V, 15,-15 kV ESD-Protected LINE TRANSCEIVER, PDSO8 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 250 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 500 kbps, DE/RE)
|
ANALOG DEVICES INC
|
ISL83386EIV-T ISL83386EIV ISL83386E |
RS-232 Transceiver, 3T/2R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Manual Powerdown with VL 15kV ESD Protected/ 3V to 5.5V/ 1 Microamp/ 250kbps/ RS-232 Transmitters/Receivers with Separate Logic Supply 15kV ESD Protected 3V to 5.5V 1 Microamp 250kbps RS-232 Transmitters/Receivers with Separate Logic Supply 【15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
|
INTERSIL[Intersil Corporation]
|
|