PART |
Description |
Maker |
MIC7111BM5 MIC7111YM5 MIC711105 |
1.8V IttyBitty Rail-to-Rail Input/Output Op Amp OP-AMP, 9000 uV OFFSET-MAX, 0.025 MHz BAND WIDTH, PDSO5
|
Micrel Semiconductor MICREL INC
|
TSH82IYDT TSH84 |
Rail-to-rail video op-amp Wide band rail-to-rail operational amplifier
|
ST Microelectronics
|
EL8203 EL5427CRZ-T7 EL8403IUZ-T7 EL5127 EL5127_06 |
500MHz Rail-to-Rail Amplifiers(500MHz轨至轨放大器) 2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
|
INTERSIL[Intersil Corporation]
|
AD8638ARJZ-R2 AD8639ACPZ-R2 AD8639ARMZ AD8639ARZ-R |
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 23 uV OFFSET-MAX, 1.35 MHz BAND WIDTH, PDSO5 16V Auto-Zero, Rail-to-Rail Output tional Amplifiers 16V Auto-Zero, Rail-to-Rail Output tional Amplifiers 16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471E |
Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5 Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大 Single/Dual/Quad / !.8V/750nA / SC70 / Rail-to-Rail Op Amps "Single, 1.8V/750nA, SC70, Rail-to-Rail Op Amps" Single/Dual/Quad !.8V/750nA SC70 Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
KBPC1501 KBPC1504 KBPC15005 KBPC1508 |
Dual Advanced LinCMOS(TM) Rail-To-Rail Operational Amplifier 8-PDIP 0 to 70 Rail-To-Rail Low Power Advanced LinCMOS(TM) Dual Operational Amplifier 10-CFP -55 to 125 TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP -40 to 125
|
DC Components Co., Ltd.
|
CLC1020IST5X |
General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
|
Exar Corporation
|
AD8631 AD8631ART AD8632 AD8632AR AD8632ARM AD8632A |
Dual, 1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifier 1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers 1.8伏,5兆赫轨到轨低功耗运算放大器 1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers OP-AMP, 4000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
OP17902 OP279 OP179GRTZ-REEL OP179GRTZ-REEL7 OP179 |
16V; 50mA; rail-to-rail high output current operational amplifier. For multimedia, telecom, DAA transformer driver, LCD driver, low voltage servo control, modems, FET drivers Rail-to-Rail High Output Current Operational Amplifiers Rail-to-Rail High Output Current Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5 Rail-to-Rail High Output Current Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD8661ACPZ-R2 AD8661ACPZ-REEL AD8661ACPZ-REEL7 AD8 |
16 V Precision Quad CMOS Rail - to - Rail Operational Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 1200 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
AD8091 AD8092 AD8092ARM AD8091ART-REEL AD8091ART-R |
Low Cost , High-Speed Rail-to-Rail Amplifiers Enhanced 10-Bit, ADC with Flash Memory From old datasheet system Low-Cost, High-Speed Rail-to-Rail Amplifiers DUAL OP-AMP, 27000 uV OFFSET-MAX, PDSO8
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|