PART |
Description |
Maker |
STA STARX012XSAAXA STARX012XSEAXA STARX012XSFAXA S |
Specification Grade Discrete Plug-in
|
Tyco Electronics
|
AF2GSDI-5ADXX AF512SDI-5ACXX |
ATP Industrial Grade SD Card Specification
|
List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
AF64GSSHI-OAAXP AF16GSSHI-OAAXP AF4GSSHI-OAAXP AF3 |
ATP Industrial Grade mSATA Embedded Module Specification
|
List of Unclassifed Manufacturers
|
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
OM5236ST OM5241ST OM5240ST OM5238ST OM5237ST OM523 |
400V 10A Hi-Rel Ultra-Fast Discrete Diode in a TO-257AA package 400V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package 150V 10A Hi-Rel Ultra-Fast Discrete Diode in a TO-257AA package 150V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package 100V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package SINGLE ISOLATED RECTIFIER IN HERMETIC 200V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC]
|
HI1-0507A2 HI1-0506A5 HI1-0507A5 HI1-0506A2 HI3-05 |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 536-0402-5 90; Contact Mating Area Plating: Tin Interface IC 接口IC
|
Intersil, Corp.
|
HGT2100-100 HGT2100-1000 |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0684-7 53; Contact Mating Area Plating: Gold 工业控制IC Industrial Control IC 工业控制IC
|
IDEC, Corp.
|
91821-0001 91821-0003 91935-9004 91935-9006 91935- |
Picoflex垄莽 Discrete Wire Picoflex? Discrete Wire
|
Molex Electronics Ltd.
|
C1206C106J3RACTU C1206C106J9RACTU C0805C106K4RACTU |
X7R Dielectric, 6.3 ?250 VDC (Commercial Grade) Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ?250 VDC (Commercial Grade) X7R Dielectric, 6.3 ?250 VDC (Commercial Grade) X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
|
Kemet Corporation
|
2SJ327 2SJ327-Z 2SJ327-Z-T1 2SJ327-Z-E2 2SJ327-Z-T |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0620-4 00; No. of Positions: 6; Connector Type: Panel SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE P-channel enhancement type
|
NEC Corp. NEC[NEC]
|
6833 7100 7101 3102 7102 |
T- Subminiature Lamps Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 541-0262-3 06; Connector Type: Wire; Contact Gender Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 541-0222-9 00; Connector Type: Wire; Contact Gender
|
International Light Technologies Inc.
|
2SC1816 |
SPECIFICATION TRANSISTORSS,DIODES From old datasheet system SPECIFICATION TRANSISTORS,DIODES SPECIFICATION TRANSISTORSS / DIODES
|
Unknow ETC[ETC]
|