PART |
Description |
Maker |
IGD01N120H2 IGP01N120H207 |
HighSpeed 2-Technology
|
Infineon Technologies AG http:// Infineon Technologies A...
|
IGW03N120H2NBSP IGP03N120H2NBSP IGB03N120H2NBSP IG |
High Speed CMOS Logic Hex Non-Inverting Buffers 16-SOIC -55 to 125 高 -技 From old datasheet system HighSpeed 2-Technology IGBTs & DuoPacks - 3A 1200V HighSpeed2 IGBT TO247 IGBTs & DuoPacks - 3A 1200V HighSpeed2 IGBT TO220 IGBTs & DuoPacks - 3A 1200V HighSpeed2 IGBT D2Pak 1200V HighSpeed2 and 600V HighSpeed IGBT for switching frequency from 30kHz upwards. Focus applications: Lamp ballast, power supplies ...
|
INFINEON[Infineon Technologies AG]
|
Q67040-S4655 IKA03N120H2 Q67040-S4649 |
IGBTs & DuoPacks - 3A 1200V HighSpeed2 DuoPack IGBT FullPak HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode High Speed CMOS Logic Hex Non-Inverting Buffers 16-TSSOP -55 to 125
|
INFINEON[Infineon Technologies AG]
|
SIGC07T60SNC |
IGBT Chip in NPT-technology 600V NPT technology positive temperature coefficient
|
Infineon Technologies AG
|
SIGC81T60SNC |
IGBT Chip in NPT-technology 600V NPT technology positive temperature coefficient
|
Infineon Technologies AG
|
PIC18F44800TI_SOQTP PIC18F44800TE_SOSQTP PIC18F448 |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin增强型闪存微控制器与ECAN技术,10A / D和纳瓦技 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin增强型闪存微控制器与ECAN技术,10位A / D和纳瓦技 DEM9PB
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
FT231XS-X FT231XQ-X DSFT231X FT231XQ-T FT231XS-R |
Future Technology Devices International Ltd FT231X Single chip USB to asynchronous serial data transfer interface Future Technology Devices International Ltd.
|
List of Unclassifed Manufacturers Future Technology Devices I... Future Technology Devic...
|
B72500TXXXX B72500VXXXX B72530VXXXX B72540VXXXX B7 |
(B725xxTxxxx) Multilayer technology (B725xxVxxxx) Multilayer technology
|
EPCOS
|
SIGC156T60SNR2C |
IGBT Chip in NPT-technology 600V NPT technology 100μm chip
|
Infineon Technologies AG
|
IKB01N120H2E3045A IKP01N120H2 |
IGBTs & DuoPacks - 1A 1200V HighSpeed2 DuoPack IGBT D2Pak IGBTs & DuoPacks - 1A 1200V HighSpeed2 DuoPack IGBT TO220 1200V HighSpeed2 IGBT and 600V HighSpeed IGBT with antiparallel fast recovery EmCon™ diode in only one package.
|
Infineon
|
BT868 BT868KRF BT869 BT869KRF |
Flicker-Free Video Encoder with Ultrascale Technology Flicker-Free Video Encoder with UltrascaleTM Technology
|
Conexant
|