PART |
Description |
Maker |
2N3700DCSM |
HIGH VOLTAGE, MEDIUM POWER, NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH VOLTAGE/ MEDIUM POWER/ NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS High Voltage Medium Power NPN Dual Transistor In a Hermetically Sealed Cermic Surface Mount Package For High Reliability Application(高电压、中等功率、高可靠性、双NPN晶体管(陶瓷表贴封装 中高压双电源npn型晶体管在密封的六窑业表面贴装封装,高可靠性的应用(高电压,中等功率,高可靠性,双npn型晶体管(陶瓷表贴封装)
|
SemeLAB SEME-LAB[Seme LAB]
|
713950028 A-71395-0028 0015453428 |
2.54mm (.100) Pitch C-Grid? PCB Connector, Surface Mount, High Profile, Dual Row, Vertical, 28 Circuits 2.54mm (.100) Pitch C-Grid庐 PCB Connector, Surface Mount, High Profile, Dual Row, Vertical, 28 Circuits 2.54mm (.100) Pitch C-Grid垄莽 PCB Connector, Surface Mount, High Profile, Dual Row, Vertical, 28 Circuits
|
Molex Electronics Ltd.
|
713950026 A-71395-0026 0015453426 |
2.54mm (.100) Pitch C-Grid? PCB Connector, Surface Mount, High Profile, Dual Row, Vertical, 26 Circuits 2.54mm (.100) Pitch C-Grid庐 PCB Connector, Surface Mount, High Profile, Dual Row, Vertical, 26 Circuits 2.54mm (.100) Pitch C-Grid垄莽 PCB Connector, Surface Mount, High Profile, Dual Row, Vertical, 26 Circuits
|
Molex Electronics Ltd.
|
MMBD2004S-7-F MMBD2004SQ-7-F |
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
|
Diodes Incorporated
|
BL-HKC36D BL-HB336D BL-HGE36D BL-HJE36D BL-HA136D |
High Speed CMOS Logic Dual 2-Bit Bistable Transparent Latch 16-SOIC -55 to 125 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% SURFACE MOUNT CHIP LED LAMPS SURFACE MOUNT CHIP LED LAMPS
|
早安股份有限公司 http:// Yellow Stone Corp
|
CMLD2004 CMLD2004A CMLD2004C CMLD2004DO CMLD2004S |
SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES
|
Central Semiconductor Corp Central Semiconductor C...
|
CMLT2907A |
SMD Small Signal Transistor Dual PNP General Purpose Amplifier/Switc SURFACE MOUNT DUAL PNP SILICON TRANSISTORS SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
CMLD6263DO10 |
SURFACE MOUNT DUAL OPPOSING HIGH VOLTAGE SILICON SCHOTTKY DIODES
|
Central Semiconductor Corp
|
CTLSH1-40M832D |
SURFACE MOUNT DUAL, HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
CMLD626310 |
SURFACE MOUNT DUAL, ISOLATED HIGH VOLTAGE SILICON SCHOTTKY DIODES
|
Central Semiconductor Corp
|