PART |
Description |
Maker |
0475900001 47590-0001 |
0.65mm (.026") Pitch Micro-USB AB Receptacle, Right Angle, Top Mount, SMT, Lead Free 0.65mm (.026) Pitch Micro-USB AB Receptacle, Right Angle, Top Mount, SMT, Lead Free
|
Molex Electronics Ltd.
|
47654-0001 0476540001 |
0.65mm (.026) Pitch Micro-USB AB Receptacle, Right Angle, Middle Mount, SMT, with Extended Solder Tabs, Lead Free 0.65mm (.026") Pitch Micro-USB AB Receptacle, Right Angle, Middle Mount, SMT, with Extended Solder Tabs, Lead Free
|
http:// Molex Electronics Ltd.
|
U040-06N-MIC-F |
USB 2.0 Hi-Speed Adapter Cable, USB Type-C (USB-C) Male to USB Micro-B Female), 6-in.
|
Tripp Lite. All Rights ...
|
MC9S08DZ128 MC9S08DV128F2CLF S9S08DV128F2CLF MC9S0 |
Microcontrollers 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP64 10 X 10 MM, 1.40 MM HEIGHT, 0.50 MM PITCH, ROHS COMPLIANT, MS-026-BCD, LQFP-64 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP48 7 X 7 MM, 1.40 MM HEIGHT, 0.50 MM PITCH, ROHS COMPLIANT, MS-026-BBC, LQFP-48
|
Freescale Semiconductor, Inc.
|
UL94V-2 0351890360 |
4.75mm (.187) Tab, MP-Lock Housing, 3 Circuits, 6.00mm (.236) Pitch, 6.65mm (.261) Pitch, UL94V-2, Natural
|
Molex Electronics Ltd.
|
3023011-01M |
USB 3.0 A/M - MICRO USB 3.0 B/M POWER CABLE
|
Qualtek Electronics Corporation
|
3023035-03M |
USB 3.0 A/M - MICRO USB 3.0 B/M POWER CABLE
|
Qualtek Electronics Corporation
|
SEAL100FP |
Sealed Conversion Board for Converting from 100-pin 0.65mm-pitch QFP (100P6S-A) or LCC (100D0) to 100-pin Standard Pitch
|
Renesas Electronics Corporation
|
0351890261 |
4.75mm (.187) Tab, MP-Lock Housing, 2 Circuits 6.65mm (.261) Pitch, UL94V-0Natural
|
Molex Electronics Ltd.
|
473092651 0473092651 |
1.10mm (.043) Pitch microSD Card Header with Detect Switch, Height 2.65mm (.104), Lead Free
|
Molex Electronics Ltd.
|
5033204160 SD-503320-001 SD-503320-002 |
0.25mm (.010) Pitch Easy-On Type FPC Connector, 1.65mm (.065) Mated Height, Right Angle, SMT
|
Molex Electronics Ltd.
|
M3T-FLX-100LCC |
Converter for Connecting 100-core Flexible Board FLX100 to 100-pin 0.65mm-pitch LCC
|
Renesas Electronics Corporation
|
|