PART |
Description |
Maker |
ZF-1346-6.3 |
The ZF-1346-6.3 filter is configured to be compatible with MIL-Std-461C. The ZF-1346-6.3 filter is configured to be compatible with MIL-Std-461C.
|
JMK Inc.
|
AL1000-M5 AW1000-M5 AR5060-06 AW1000-M5D AR2000-01 |
锛?ILTER 1锛??锛?/span> "FILTER 1/4"" "FILTER 3/4"" "FILTER 1/8"" "FILTER 1/2"" "FILTER 3/8"" Microprocessor-Controlled Battery Management System "FILTER 1"" FILTER M5 BRACKET 5000/6000 FILTER REGULATOR 1/4 FILTER REGULATOR 1/2 FILTER REGULATOR 1/8 FILTER REGULATOR 3/8 "REGULATOR 1"" "REGULATOR 3/8"" LUBRICATOR 3/8 LUBRICATOR 1/8 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C "REGULATOR 1/2"" "REGULATOR 1/8"" "REGULATOR 3/4"" FILTER REGULATOR M5 LUBRICATOR M5 锛?EGULATOR 3/8锛??锛?/span>
|
|
TFS70H23 |
Filter specification 1 FUNCTIONS, 70.01 MHz, SAW FILTER Surface Acoustic Wave (SAW) Filter
|
Vectron International, Inc. VECTRON[Vectron International, Inc]
|
X20061RS X20061RS-15 XF20061RS |
10BASE-T FILTER 10Bose-T FILTER 10 BASE T FILTER
|
XFMRS Inc.
|
NFW31SP407X1E4L NFW31SP206X1E4L |
FILTER LC EMI 400MHZ 200MA 1206 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER FILT, FILTER EMI 200MA 3DB CUTOFF 20MHZ 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
B39212-B1668-U510 |
SAW RF low loss filter Satellite CSS 1 FUNCTIONS, 2040 MHz, SAW FILTER
|
EPCOS EPCOS AG
|
EM10Q100 EM10Q-100 EM10Q-100-T13 EM10Q-100-LF-T13 |
10 FUNCTIONS, DATA LINE FILTER LCD - EMI FILTER/TVS ARRAY
|
PROTEC[Protek Devices]
|
EM10Q200 EM10Q-200 EM10Q-200-LF-T13 |
10 FUNCTIONS, DATA LINE FILTER LCD - EMI FILTER/TVS ARRAY
|
PROTEC[Protek Devices]
|
4600-063 |
EMI/RFI FILTER Bushing 1/4in 1 FUNCTIONS, 70 V, 25 A, DATA LINE FILTER
|
TUSONIX, Inc.
|