Part Number Hot Search : 
LMG5278 80C51 0B102D DPS54 ADUM1280 2SK1676 133AX ZFMG10C2
Product Description
Full Text Search
  configured Datasheet PDF File

For configured Found Datasheets File :: 22291    Search Time::1.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    优先(苏州)半导体有限公
Excel Semiconductor Inc...
Part No. ES29F160EB-12TG ES29F400EB-12TG ES29F640EB-12TG ES29F800EB-12TG ES29F320EB-12TG ES29LV640DB-12TG
OCR Text ... The device data output can be configured by BYTE# into one of two modes : word and byte modes. If the BYTE# pin is set at logic `1', the device is configured in word mode, DQ0 - DQ15 are active and controlled by CE# and OE#. If the BYTE# ...
Description 16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory

File Size 715.65K  /  54 Page

View it Online

Download Datasheet





    MAXIM - Dallas Semiconductor
Part No. MAX1778EVKIT
OCR Text ...he step-up switching circuit is configured for a +8V output that provides up to 250mA of current from a +3.0V supply. The EV kit can be powered from a +2.7V to +5.5V supply. The positive charge-pump circuit is configured for a +20V output t...
Description Evaluation Kit for the MAX1778/MAX1880/MAX1881/MAX1882
From old datasheet system

File Size 196.10K  /  6 Page

View it Online

Download Datasheet

    80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB

INTEL[Intel Corporation]
Part No. 80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB
OCR Text ... The pins of all six ports are configured as inputs by writing a logic 1 to them Since Port 0 is an open drain port it provides a very high input impedance Since pins of Port 1 2 3 4 and 5 have weak pullups (which are always on) they sourc...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 300.18K  /  22 Page

View it Online

Download Datasheet

    MAXIM - Dallas Semiconductor
Part No. MAX1813EVKIT
OCR Text ...ed due to switch bounce. kit is configured for operation in the impedance mode with jumpers JUB0-JUB4 set for 1.30V output (Table 1). While in the impedance mode, changing jumpers JUB0-JUB4 does not immediately change the output voltage set...
Description Evaluation Kit for the MAX1813
From old datasheet system

File Size 366.80K  /  11 Page

View it Online

Download Datasheet

    MAXIM - Dallas Semiconductor
Part No. MAX2640EVKIT-MAX2641EVKIT MAX2641EVKIT MAX2640EVKIT
OCR Text ... The MAX2640 EV kit is factory-configured for operation at 900MHz and is easily configured to operate from 400MHz to 1500MHz. Use device parameters listed in Tables 1 and 3 of the MAX2640/MAX2641 data sheet to determine the proper input an...
Description Evaluation Kits for the MAX2640/MAX2641
From old datasheet system

File Size 471.62K  /  4 Page

View it Online

Download Datasheet

    MAXIM - Dallas Semiconductor
Part No. MAX3762EVKIT
OCR Text ...n The MAX3762 EV kit is shipped configured to connect to a 50 terminated oscilloscope. Each output is AC coupled and has a 330 resistor to ground which provides bias current. PECL Outputs To drive a circuit that requires a PECL input, remov...
Description Evaluation Kit for the MAX3762
From old datasheet system

File Size 79.01K  /  6 Page

View it Online

Download Datasheet

For configured Found Datasheets File :: 22291    Search Time::1.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of configured

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1176099777222