PART |
Description |
Maker |
IDT74LVC374ASO IDT74LVC374A IDT74LVC374APG IDT74LV |
3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5V TOLERANT I/O 3.3V CMOS Octal Edge-Triggered D-Type Flip-Flop with 3-State Outputs, 5.0V Tolerant I/O 3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O From old datasheet system 3.3V CMOS OCTAL EDGE-TRIGGERED D-TYPE FLIPFLOP
|
IDT[Integrated Device Technology]
|
LTC1771EMS8 LTC1771 LTC1771I LTC1771IS8 LTC1771ES8 |
Octal D-Type Edge-Triggered Read-Back Latches 24-SOIC 0 to 70 1 A SWITCHING CONTROLLER, PDSO8 Octal D-Type Edge-Triggered Read-Back Latches 24-PDIP 0 to 70 低静态电流高效率降压DC / DC控制 From old datasheet system Low Quiescent Current High Efficiency Step-Down DC/DC Controller
|
Linear Technology, Corp. LINER[Linear Technology]
|
74VHCU04MX 74VHCU04SJX 74VHCU04 74VHCU04M 74VHCU04 |
Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 CERAMIC CHIP/MIL-PRF-55681 Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-PDIP -40 to 85 Hex Inverter
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74VHCT74A 74VHCT74AM 74VHCT74ASJ 74VHCT74 74VHCT74 |
Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 AHCT/VHCT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDIP14 Dual D-Type Flip-Flop with Preset and Clear AHCT/VHCT/VT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
PO54G374ALU PO54G374A PO74G374A PO74G374ATR PO74G3 |
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
|
Potato Semiconductor Corporation
|
HD74LV374ATELL HD74LV374A |
Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
|
Renesas Electronics Corporation
|
DM74ALS534WM DM74ALS534WMX |
Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
|
Fairchild Semiconductor
|
LT1507IN8-3.3 LT1507CN8-3.3 LT1507CS8-3.3 |
500kHz Monolithic Buck Mode Switching Regulator PTB 21C 21#16 PIN/SKT RECP 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDIP8 Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 24-SO 0 to 70 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO8 Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 24-SOIC 0 to 70
|
http:// Linear Technology, Corp. 稳压
|
IDM29901NC 74LS373 74LS374 74373 |
3-STATE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
|
Fairchild Semiconductor
|
HCS374MS_04 HCS374D_SAMPLE HCS374DMSR HCS374HMSR H |
Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
|
INTERSIL[Intersil Corporation]
|
M5M4V64S30ATP-8L M5M4V64S30ATP-8A |
Octal D-Type Edge-Triggered Flip-Flops with 3-State Outputs 20-SOIC -40 to 85 64M号(4银行097152字8位)同步DRAM
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|