PART |
Description |
Maker |
IR53HD420 IR53HD420-P2 IR53H420 IR53H420-P2 |
HALF BRIDGE BASED PRPHL DRVR, PSIP7 SELF-OSCILLATING HALF BRIDGE(82.40 k) 500V Self-Oscilliating Half-Bridge Hybrid MOSFET and Gate Driver in a 9 Lead SIP w/o #5and8 package
|
IRF[International Rectifier]
|
FAN73932M FAN73932 |
Half Bridge Gate Driver; Package: 8-SOIC; Container: Rail HALF BRIDGE BASED PRPHL DRVR, PDSO8
|
Fairchild Semiconductor, Corp.
|
FSFR1800XSL FSFR2100XS FSFR2100XSL FSFR1600XS FSFR |
Fairchild Power Switch (FPS? for Half-Bridge Resonant Converters HALF BRIDGE BASED PRPHL DRVR, PZFM9 SIP-9
|
http:// Fairchild Semiconductor, Corp.
|
IS9-2100ARH/PROTO 5962F9953602QXC IS9-2100ARH-Q IS |
High Frequency Half Bridge Driver, Rad-Hard, without UVLO RES POWER .036 OHM 3W 5% SMT Radiation Hardened High Frequency Half Bridge Driver 1.5 A HALF BRDG BASED MOSFET DRIVER, CDFP16
|
Intersil Corporation Intersil, Corp.
|
FB514 FB612 FB614 FB522 FB524 FB523 |
THYRISTOR MODULE|BRIDGE|HALF-CNTLD|CC|1.2KV V(RRM)|25A I(T) 晶闸管模块|桥|半CNTLD |消委会| 1.2KV五(无线资源管理)|5A我(翻译 THYRISTOR MODULE|BRIDGE|HALF-CNTLD|CC|600V V(RRM)|42.5A I(T) THYRISTOR MODULE|BRIDGE|HALF-CNTLD|CC|1.2KV V(RRM)|42.5A I(T) THYRISTOR MODULE|BRIDGE|HALF-CNTLD|CA|600V V(RRM)|25A I(T) THYRISTOR MODULE|BRIDGE|HALF-CNTLD|CA|1.2KV V(RRM)|25A I(T) THYRISTOR MODULE|BRIDGE|HALF-CNTLD|CA|800V V(RRM)|25A I(T)
|
Square D by Schneider Electric
|
IR51H224 IR51H320 IR51H420 IR51HD224 IR51HD320 IR5 |
SELF-OSCILLATING HALF BRIDGE 400V Self-Oscilliating Half-Bridge Hybrid MOSFET and Gate Driver in a 9 Lead SIP w/o #5and8 package
|
IRF[International Rectifier]
|
SCP-3337 |
QUADRUPLE HALF-H DRIVER HALF BRIDGE BASED PRPHL DRVR
|
Sensitron Semiconductor
|
IR2153D IR2153DS IR2153S IR2153DPBF IR2153PBF IR21 |
Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-lead SOIC package with bootstrap diode Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-lead PDIP package Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package with bootstrap diode From old datasheet system SELF-OSCILLATING HALF-BRIDGE DRIVER DUAL MOSFET DRIVER,CMOS,DIP,8PIN,PLASTIC
|
International Rectifier
|
DIM375WHS06-S000 DIM375WHS06-S |
IGBT Modules - Half Bridge Half Bridge IGBT Module
|
DYNEX[Dynex Semiconductor]
|
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
TLE94106EL |
Six half bridge power outputs
|
Infineon Technologies A...
|