PART |
Description |
Maker |
SMBJ58CA SMBJ16CA SMBJ51CA SMBJ30CA |
600W SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
|
WILLAS ELECTRONIC CORP
|
SMBJ58CA SMBJ51CA SMBJ30CA SMBJ17CA |
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
Shenzhen Luguang Electronic Technology Co., Ltd Shenzhen Luguang Electr...
|
P6SMBJ54-LFR P6SMBJ12-LFR P6SMBJ7.0-LFR P6SMBJ8.0A |
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
Frontier Electronics.
|
P6KE200C P6KE9.1 P6KE9.1C P6KE47C P6KE51C P6KE30 P |
600W TRANSIENT VOLTAGE SUPPRESSORS Reverse stand-off voltage: 128.00V, 600W transient voltage suppressor Reverse stand-off voltage: 138.00V, 600W transient voltage suppressor Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 600W TRANSIENT VOLTAGE SUPPRESSORS 600W瞬态电压抑制器 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Reverse stand-off voltage: 171.00V, 600W transient voltage suppressor
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] Panjit International Inc Microsemi
|
P6SMBJ_06 P6SMBJ10 P6SMBJ100 P6SMBJ100A P6SMBJ100A |
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd. http://
|
SMBJ17A SMBJ100A SMBJ78CA SMBJ6.0A SMBJ90CA SMBJ10 |
600W Surface Mount Transient Voltage Suppressors
|
WEITRON[Weitron Technology] http://
|
SMCJ120 SMCJ36A SMCJ110 SMCJ9.0 SMCJ30A SMCJ18A SM |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors
|
Vishay Siliconix
|
SMF5.0A SMF130A SMF190A SMF190CA SMF160A SMF150A S |
Surface Mount Transient Voltage Suppressors Surface Mount Transient Voltage Suppressors (TVS) Surface Mount Transient Voltage Suppressors (TVS) The SMF series is designed specifically to protect sensitive electronic
|
UN Semiconducctor INC
|