PART |
Description |
Maker |
MSC2295BT1 MSC2295-BT1 MSC2295-CT1 ON2374 |
NPN RF Amplifier Transistors Surface Mount Si, NPN, RF SMALL SIGNAL TRANSISTOR NPN RF Amplifier Transistors Surface Mount UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR CASE 318D3, STYLE 1 SC9 From old datasheet system
|
MOTOROLA INC Motorola Mobility Holdings, Inc. ON Semiconductor MOTOROLA[Motorola, Inc]
|
DDTC114YE-7-F DDTC123YE-7-F DDTC143ZE-7-F DDTC113Z |
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 30 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Prebiased Transistors
|
Diodes, Inc.
|
DDTC114GE2 DDTC115GE-13-F |
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
BC846A2 BC847B BC84XX-7-F BC848B-7-F |
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR ROHS COMPLIANT, PLASTIC PACKAGE-3
|
Diodes Incorporated Diodes, Inc.
|
DCX124EK DCX124EK-7 DCX144EK-7 DCX144EK DCX114YK-7 |
Redel 1P/ Female Solder 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
DCX124EU DCX124EU-7 DCX114TU-7 DCX114TU DCX114YU-7 |
HDR P R 12P PW N 1X12.100TQ 30 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR Redel 1P/ Female Solder 互补NPN /进步党预偏置信号小的SOT - 363双表面贴装晶体管 REDEL 1P Series 互补NPN /进步党预偏置信号小的SOT - 363双表面贴装晶体管 CONNECTOR, HEADER, 3 PIN SINGLE ROW 50 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
BC817-16 BC817-16-7 BC817-25 BC817-25-7 BC817-40-7 |
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc.
|
2DC4617QLP-7B 2DC.617QLP-7 2DC.617QLP11 2DC4617QLP |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
DDA114EU DDA114EU-7 DDA114TU DDA114TU-7 DDA114YU D |
PNP PRE-BIASED SMALL SIGNAL SOT-63 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, 300 PIN PLUG, 0.05 X 0.05 IN. CENTERLINES, MEG-ARRAY, UL REQUIRED 30 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, PLUG, .050 IN, MEG-ARRAY, 300 X NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
MMSTA42-7-F |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Inc.
|
|