PART |
Description |
Maker |
DDTC114WE DDTC114WE-7 DDTC114YE DDTC114YE-7 DDTC12 |
SNAP LOCK CABLE MARKER - W 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 4-Indent D-Sub Crimper; For Use With:4-Indent Closed-Barrel D-Sub Contacts; Color:Red; Series:1440; Wire Size (AWG):20-12 RoHS Compliant: Yes npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
DDTC114YE-7-F DDTC123YE-7-F DDTC143ZE-7-F DDTC113Z |
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 30 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Prebiased Transistors
|
Diodes, Inc.
|
DDC123JH DDC123JH-7 DDC114EH DDC114TH DDC114TH-7 D |
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR 70 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR Prebiased Transistors
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
2N2837 2N2242 2N2501 2N2377 2N2378 2N2539 2N2509 2 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 800 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Thermal Transfer Label Printer Tape; Color:White; External Height:.31"; Material:Polyolefin; Print-On Area:100ft 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
CENTRAL[Central Semiconductor Corp] ETC Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
DDTD133HC-7-F DDTD143EC DDTD113EC DDTD113EC09 DDTD |
Prebiased Transistors 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 NPN PRE-BIASED 500mA SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated Diodes Inc.
|
DDTC114TKA DDTC114TKA-7 DDTC124TKA DDTC124TKA-7 DD |
NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
DCX124EU DCX124EU-7 DCX114TU-7 DCX114TU DCX114YU-7 |
HDR P R 12P PW N 1X12.100TQ 30 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR Redel 1P/ Female Solder 互补NPN /进步党预偏置信号小的SOT - 363双表面贴装晶体管 REDEL 1P Series 互补NPN /进步党预偏置信号小的SOT - 363双表面贴装晶体管 CONNECTOR, HEADER, 3 PIN SINGLE ROW 50 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
MSC2295-BT1G |
NPN RF Amplifier Transistors Surface Mount Si, NPN, RF SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
DDA114EU DDA114EU-7 DDA114TU DDA114TU-7 DDA114YU D |
PNP PRE-BIASED SMALL SIGNAL SOT-63 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, 300 PIN PLUG, 0.05 X 0.05 IN. CENTERLINES, MEG-ARRAY, UL REQUIRED 30 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, PLUG, .050 IN, MEG-ARRAY, 300 X NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
MMBT3904 |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
TRSYS
|
|