PART |
Description |
Maker |
80C550/83C550/87C550 P87C550EBAA P87C550EBPN P80C5 |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer 8-BIT, 8 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless/ 8 channel 8 bit A/D/ watchdog timer High Output DC/DC Converter, -40C to 85C, 8-PDIP, TUBE
|
NXP Semiconductors N.V. Philips Semiconductors
|
LPC11E36 LPC11E36FBD64 LPC11E36FHN33 LPC11E36FHN33 |
32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USART
|
NXP Semiconductors
|
LPC2104BBD48 LPC2105BBD48 LPC2106BBD48 LPC2106FHN4 |
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP Flash with 64 kB/32 kB/16 kB RAM 32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP48
|
Philips NXP Semiconductors N.V.
|
LPC11U34FBD48421 LPC11U34FBD48311 LPC11U34FHN33 LP |
32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USB device USART
|
NXP Semiconductors
|
MB89P155PFM-103 MB89P155PFM-102 MB89P155PFM-101 MB |
8-BIT, OTPROM, MICROCONTROLLER, PQFP80 Octal Buffers/Drivers With 3-State Outputs 20-CDIP -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.5F 5.5V SG TYPE GOLD HORZ 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 Quadruple 2-Input Exclusive-OR Gates 20-LCCC -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.0F 5.5V SG TYPE GOLD HORIZ
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
ST7FLITE-SK/RAIS ST7PLITE02F0U6TR ST7PLITES5Y0M6 S |
8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI 8-BIT, MROM, 16 MHz, MICROCONTROLLER, QCC20 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDSO16 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP16
|
STMicroelectronics
|
LPC11E67JBD48 LPC11E68JBD100 LPC11E68JBD64 |
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 20 kB SRAM; 4 kB EEPROM; 12-bit ADC 32-bit ARM Cortex-M0 microcontroller; up to 256 kB flash and 36 kB SRAM; 4 kB EEPROM; 12-bit ADC
|
NXP Semiconductors
|
W541E261 W541C261 |
4BIT MICROCONTROLLER, 2K ×16 ROM, 128 ×4 RAM 128 -DOT LCD 4BIT MICROCONTROLLER, 2K 】16 ROM, 128 】4 RAM 128 -DOT LCD
|
Winbond
|
ATTINY2313V-10MUR ATTINY2313V-10SUR AT91SAM7A2-AJ |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC20 4 X 4 MM, 0.80 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220WGGD-5, MLF-20 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDSO20 0.300 INCH, GREEN, PLASTIC, MS-013AC, SOIC-20 32-BIT, 30 MHz, RISC MICROCONTROLLER, PQFP176 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO8 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PDSO20 8-BIT, FLASH, 60 MHz, MICROCONTROLLER, PQFP44
|
Atmel, Corp. ATMEL CORP
|
MB89P657APFV-102 MB89P657APFV-105 MB89P657APFV-101 |
Quadruple Bus Buffer Gates With 3- State Outputs 14-CDIP -55 to 125 8-BIT, MROM, 10 MHz, MICROCONTROLLER, PQFP100 LJT 79C 79#22D PIN REAR WALL 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PQFP100 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PQFP100
|
Fujitsu Component Limited. Fujitsu, Ltd. Fujitsu Limited
|
|