PART |
Description |
Maker |
N35401M |
Duplex Singlemode 8.3-125 Fiber Patch Cable (SC-ST), 1M (3-ft.)
|
Tripp Lite. All Rights ...
|
N35603M |
Duplex Singlemode 8.3-125 Fiber Patch Cable (SC-SC), 3M (10-ft.)
|
Tripp Lite. All Rights ...
|
N35201M |
Duplex Singlemode 8.3-125 Fiber Patch Cable (ST-ST), 1M (3-ft.)
|
Tripp Lite. All Rights ...
|
N35415M |
Duplex Singlemode 8.3-125 Fiber Patch Cable (SC-ST), 15M (50-ft.)
|
Tripp Lite. All Rights ...
|
X9530-V14I X9530B15I-T2 X9530B15I-T1 |
SINGLEMODE FIBER PATCH CABLE, PLENUM ST-LC 5M SINGLEMODE FIBER PATCH CABLE, PLENUM SC-LC 5M ; Sensor Input Type:Fiber-Optic; Sensing Range Max:3m; Sensor Output:PNP; Leaded Process Compatible:No; Mounting Type:DIN Rail; Peak Reflow Compatible (260 C):No; Sensor Housing:Rectangular 温度补偿激光二极管控制 SINGLEMODE FIBER PATCH CABLE, PLENUM ST-LC 5M SPECIALTY TELECOM CIRCUIT, PBGA15
|
Intersil Corporation Intersil, Corp.
|
FU-68SDF-810M95B FU-68SDF-V810MXXB FU-68SDF-810M11 |
1.55m DFB-LD module with singlemode fiber pigtail 1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED/ BIAS CIRCUIT INTEGRATED/ DIGITAL APPLICATION) 1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION) 1.55微米半导体激光器与单模光纤尾纤(波长选择,偏置电路集成的数字应用模块
|
Mitsubishi Electric Semicon... http:// MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp. Mitsubishi Electric Sem...
|
SMCJ40 SMCJ24 SMCJ58A SMCJ58 SMCG51A SMCJ22 SMCJ26 |
UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT From old datasheet system CMOS 12-Stage Ripple-Carry Binary Counter/Divider 16-SOIC -55 to 125 CMOS 7-Stage Ripple-Carry Binary Counter/Divider 14-TSSOP -55 to 125 CMOS Quad Clocked 'D' Latch 16-SOIC -55 to 125 CMOS BCD-to-Decimal or Binary-to-Octal Decoders/Drivers 16-SO -55 to 125 CMOS Triple 3-Input OR Gate 14-SOIC -55 to 125 CMOS Quad Exclusive-OR Gate 14-SOIC -55 to 125 CMOS 7-Stage Ripple-Carry Binary Counter/Divider 14-CDIP -55 to 125 CAPACITOR CERAMIC DISC 47PF 1KV
|
http:// MICROSEMI[Microsemi Corporation]
|
MKT 7010.9513.XX 7010.9514.XX 7010.9515.XX 7010.95 |
Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
|
Schurter Inc.
|
630D |
125 Miniature, Axial Lead Aluminum Capacitors(工作温度-55℃到 125℃的微型轴向引线铝电
|
Vishay Intertechnology,Inc.
|
D8M125V |
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, 125 VAC, 125 VDC
|
Schurter Inc.
|
HER154 HER158 HER151 HER152 HER153 HER155 HER156 H |
Octal Bus Transceivers With 3-State Outputs 20-CDIP -55 to 125 高效整流二极 8-Bit Binary Counters With 3-State Output Registers 20-LCCC -55 to 125 高效整流二极 8-Bit Shift Registers With 3-State Output Registers 20-LCCC -55 to 125 高效整流二极 Hex Schmitt-trigger Inverters 14-CDIP -55 to 125 HIGH EFFICIENT RECTIFIER DIODES
|
Electronics Industry Public Company Limited EIC[EIC discrete Semiconductors]
|
3404.2322.11 3404.2327.11 |
Surface Mount Fuse with Holder, 12 x 5.2 mm, Time-Lag T, 125 VAC, 125 VDC
|
Schurter Inc.
|