PART |
Description |
Maker |
STM32F103B STM32F1038 STM32F103V8 CD00161566 STM32 |
Mainstream Performance line, ARM Cortex-M3 MCU with 64 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN Mainstream Performance line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN nullMedium-density performance line ARM-based 32-bit MCU Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
|
ST Microelectronics STMicroelectronics
|
ATA663203-14 ATA663231-14 |
LIN Bus Device Family including Voltage Regulator and LIN SBC with Compatible Footprint
|
ATMEL Corporation
|
QL6500 |
Combining Performance, Density and Embedded RAM
|
quicklogic
|
TDN5-4815WI TDN5-4821WI TDN5-0910WI TDN5-0912WI TD |
The power density of high performance DC/DC converters.
|
TRACO Electronic AG
|
QL7120 QL7120_DS |
Combining Performance, Density, and Embedded RAM From old datasheet system
|
quicklogic
|
QL7100 QL7100_DS |
Combining Performance, Density, and Embedded RAM From old datasheet system
|
quicklogic
|
C486FD18 C486FD17 C486FD19 C484CD56 C482FD58 C486F |
8 bit SIPO shift register Bluetooth Class 1 Module 8-bit MCU with single voltage Flash memory, data EEPROM, ADC, 5 timers, SPI Hex bus buffer with 3 state outputs (non inverting) Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 电信提供数据通信 Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces 电信提供数据通信 8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface 电信提供数据通信 8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI 电信提供数据通信 60W HI-FI DUAL AUDIO DRIVER 电信提供数据通信 ARM7TDMI" 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces 电信提供数据通信 Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces 电信提供数据通信 MONOCHIP TELETEXT AND VPS DECODERWITH 8 INTEGRATED PAGES 电信提供数据通信 STHS4257A, STHS4257A1, STHS4257L, STHS4257L1 电信提供数据通信 Low voltage 16-bit constant current LED sink driver with auto power saving 电信提供数据通信 ARM7TDMI-S™ 32-Bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 电信提供数据通信 Quad bus buffer (3-state) 8-bit MCU, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 8 bit PISO shift register 8-bit microcontroller with 8K Flash/ROM, ADC, 4 timers, SPI, SCI interface 8 channel multiplexer
|
ZETTLER electronics GmbH TE Connectivity, Ltd. SIEMENS AG Yageo, Corp. Glenair, Inc. Silicon Laboratories, Inc. ITT, Corp. Vicor, Corp. C-Media Electronics, Inc. STMicroelectronics N.V. DB Lectro, Inc. Vectron International, Inc. Sumida, Corp.
|
QL4058 QL4058-3PQ208M QL4058-0PB456M QL4058-0PQ208 |
58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
|
Electronic Theatre Controls, Inc.
|
FDC9267 |
SINGLE / DOUBLE DENSITY FLOPPY DISK CONTROLLER WITH HIGH PERFORMANCE ANALOG DATA SEPARATOR
|
http:// List of Unclassifed Manufacturers ETC
|
QL4016-4PLM QL4016 QL4016-0CF100C QL4016-0CF100I Q |
16/000 Usable PLD Gate QuickRAM ESP Combining Performance/ Density and Embedded RAM GT 19C 19#16 SKT RECP Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:19; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Square Flange Receptacle; Body Style:Straight GT 4C 4#16 SKT RECP 16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM 16000可用门QuickRAM ESP PLD的结合性能,密度和嵌入式内
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
STM32F103T6T7ATR STM32F103T6H6AXXX STM32F103T4U6AT |
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
|
STMicroelectronics
|
|