PART |
Description |
Maker |
DSS5540X-13 |
40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR 4000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated
|
DCX52-13 DCX52-16-13 |
PNP SURFACE MOUNT TRANSISTOR 1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC, SOT89-3L, 4 PIN
|
Diodes Incorporated Diodes Inc. Diodes, Inc.
|
MSB709RT1 MSB709-RT1 ON2370 |
PNP General Purpose Amplifier Transistor Surface Mount 100 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
DPLS350E DPLS350E-13 |
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR 3000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-4
|
Diodes Incorporated Diodes Inc. Diodes, Inc.
|
DPLS315E-13 |
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR 3000 mA, 15 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-4
|
Diodes Incorporated Diodes Inc. Diodes, Inc.
|
MSB709-RT1-D MSB709-RT1G |
PNP General Purpose Amplifier Transistor Surface Mount Small Signal Plastic PNP
|
ON Semiconductor
|
DTA124XET1G DTA115EET1 |
PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
2N5416CSM4 2N5415CSM4 |
PNP Planar Epitaxial Transistor In a Hermetically Sealed Cermic Surface Mount Package For High Reliability Application(高可靠性平面外延PNP晶体管(气密封口陶瓷表贴封装 PNP PLANAR EPITAXIAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
2N2894DCSM |
DUAL HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型PNP晶体管(高可靠性、陶瓷表贴封装)) 高速中功率开关晶体管进步党在全封闭六窑业表面贴装封装,高可靠性的应用(高速,中等功率,开关型进步党晶体管(高可靠性,陶瓷表贴封装))
|
SemeLAB SEME-LAB[Seme LAB] Lumex, Inc.
|
DDA114EU DDA114EU-7 DDA114TU DDA114TU-7 DDA114YU D |
PNP PRE-BIASED SMALL SIGNAL SOT-63 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, 300 PIN PLUG, 0.05 X 0.05 IN. CENTERLINES, MEG-ARRAY, UL REQUIRED 30 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, PLUG, .050 IN, MEG-ARRAY, 300 X NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
NSL12AWT1G |
High Current Surface Mount PNP Switching Transistor for Load Management in Portable Applications; Package: SC-88/SC70-6/SOT-363 6 LEAD; No of Pins: 6; Container: Tape and Reel; Qty per Container: 3000 2000 mA, 12 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
|