PART |
Description |
Maker |
YR292-B5538 |
2U High-Density and Power-Efficient Platform for VHD/VDI Applications
|
List of Unclassifed Man...
|
LE25FW808 |
8M-bit (1024K×8) Serial Flash Memory with High-Density Read Mode 8M-bit (1024K隆驴8) Serial Flash Memory with High-Density Read Mode
|
Sanyo Semicon Device
|
ISPLSI2128VE ISPLSI2128VE-100LB100 ISPLSI2128VE-10 |
3.3V In-System Programmable SuperFAST?High Density PLD CRYSTAL 32.768KHZ 12.5PF SMD 3.3V In-System Programmable SuperFAST?/a> High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3V In-System Programmable SuperFAST High Density PLD CRYSTAL 12.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP176 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 6 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP160 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP100 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3在系统可编程超快⑩高密度可编程逻辑器件 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD 3.3V In-System Programmable SuperFAST?/a> High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI2064VE ISPLSI2064VE-100LB100 ISPLSI2064VE-10 |
3.3V In-System Programmable High Density SuperFAST?PLD 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 7 ns, PQFP44 CRYSTAL 16.0 MHZ 20PF SMD EE PLD, 13 ns, PQFP100 CRYSTAL 20.0 MHZ 20PF SMD RES 180K-OHM 1% 0.063W 200PPM THK-FILM SMD-0402 TR-7-PA2MM 3.3V In-System Programmable High Density SuperFAST PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 280 MHz 3.3V in-system prommable superFAST high density PLD
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
ISPLSI1024 ISPLSI1024EA-200LT100 1024EA ISPLSI1024 |
200 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes In-System Programmable High Density PLD 100 MHz in-system prommable high density PLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
STM32F103ZC STM32F103ZCY6TR STM32F103ZCY6XXX STM32 |
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
|
STMicroelectronics
|
XC2S600E XC5VLX50 XCV1000E XC2VP100 XC2VP2 XC2VP20 |
Platform Flash In-System Programmable Configuration PROMS
|
XILINX[Xilinx, Inc]
|
STA2058EXTR STA2058EXA STA2058EXATR STA2058TR STA2 |
TESEO?GPS platform high-sensitivity baseband SPECIALTY MICROPROCESSOR CIRCUIT, PBGA144 TESEO GPS platform high-sensitivity baseband
|
意法半导 STMICROELECTRONICS
|
REV-SEL1 REV-SEL0 |
Defense Grade Platform Flash In-System Programmable Configuration PROM
|
Xilinx, Inc
|
ISPLSI1016EA ISPLSI1016EA-100LJ44 ISPLSI1016EA-100 |
125 MHz in-system prommable high density PLD 100 MHz in-system prommable high density PLD In-System Programmable High Density PLD 200 MHz in-system prommable high density PLD
|
Lattice Semiconductor
|