PART |
Description |
Maker |
0005060117 005-06-0117 1508-0009 |
Flat Blade Crimp Terminal, Series 1508, Female, With Tin (Sn) Plated Brass Contact, 14-18 AWG (or 18 AWG Double Crimp), Reel Packaged
|
Molex Electronics Ltd.
|
P-XC-111 QRP-8P-C QR_P-12P-C QR_P-12P-C01 QR_P-12S |
TL Series Toggle Switch, 1 pole, 3 position, Screw terminal, Locking Lever, Military Part Number MS24658-21M QR/P SERIES PLUG-IN CRIMP CONNECTORS 名册/ P系列插入式压接连接器
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. http:// HIROSE ELECTRIC Co., Ltd.
|
0002066119 02-06-6119 1560563L 1560-L |
1.57mm (.062) Diameter, Standard .062 Pin and Socket Crimp Terminal, Series 1560, Male, with Selective Gold (Au) Plated Brass Contact, Tin/Lead Plated Crimp Area MOLEX Connector
|
Molex Electronics Ltd.
|
08-58-0103 08-50-0120 08-52-0072 08-56-0105 08-52- |
KK 156 TERMINAL CRIMP 18-24 AWG GOLD PHOSPHOR BRONZE, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):24-18; Contact Material:Brass; Contact Plating:Tin BRASS, WIRE TERMINAL Connector Contact,SKT,IDC Terminal RoHS Compliant: Yes Solderless Terminal; Wire Size (AWG):26-22 RoHS Compliant: Yes KK 156 TERMINAL CRIMP 18-24 AWG TIN
|
Molex, Inc. ITT, Corp. MOLEX INC
|
0039000284 39-00-0284 |
2.36mm (.093) Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 1381 2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1381 MOLEX Connector
|
Molex Electronics Ltd.
|
0039000282 39-00-0282 1189T |
2.36mm (.093) Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 1189, Female 2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1189, Female MOLEX Connector
|
Molex Electronics Ltd.
|
016-02-0096 700580204 |
SL Crimp Terminal, Series 70058, Female, with Tin (Sn) Plated Contact, 24-30 AWG, Bag
|
Molex Electronics Ltd.
|
016-02-0102 70058-0222 0016020102 |
SL Crimp Terminal, Series 70058, Female, with Tin (Sn) Plated Contact, 22-24 AWG, Bag SL?/a> Crimp Terminal, Series 70058, Female, with Tin (Sn) Plated Contact, 22-24 AWG, Bag
|
Molex Electronics Ltd.
|
0008050301 08-05-0301 4366-P555 |
KK? Crimp Terminal, Series 4366, Female, with Selective Gold (Au) Plated Brass Contact, 18-24 AWG, Reel
|
Molex Electronics Ltd.
|
71851-0208 016-02-1117 0016021117 |
SL Crimp Terminal, Series 71851, Female, with 0.76μm (30μ) Selective Gold (Au) Plated Contact, 24-30 AWG, Bag SL?/a> Crimp Terminal, Series 71851, Female, with 0.76μm (30μ) Selective Gold (Au) Plated Contact, 24-30 AWG, Bag
|
Molex Electronics Ltd.
|
16-02-0081 70021-0023 0016020081 |
SL Crimp Terminal, Series 70021, Male, with 0.38μm (15μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Reel
|
Molex Electronics Ltd.
|
0002062132 02-06-2132 |
1.57mm (.062) Diameter, Standard .062 Pin and Socket Crimp Terminal, Series 1854, Male, with Tin (Sn) Plated Brass Contact, 24-30 AWG, Reel 1.57mm (.062) Diameter, Standard .062 Pin and Socket Crimp Terminal, Series 1854, Male, with Tin (Sn) Plated Brass Contact, 24-30 AWG, Bag MOLEX Connector
|
Molex Electronics Ltd.
|
|