PART |
Description |
Maker |
RN73H2ATTE1002A RN73H2ATTE1002B RN73H2ATTE1002C RN |
precision high heat resistance metal film chip resistor
|
KOA Speer Electronics, Inc.
|
RN73H |
high heat resistance metal film chip resistor
|
KOA Speer Electronics, ...
|
APXF6R3ARA221ME61G APXF6R3ARA151ME40G APXF6R3ARA15 |
Super low ESR, impedance and high heat resistance have been obtained by using conductive polymer as electrolyte
|
Nippon Precision Circui...
|
ATS-312-EXL-R0 |
HEAT SINK THERMAL RESISTANCE
|
Advanced Thermal Solutions, Inc.
|
528-45AB |
Heat Sink; Package/Case:Half Brick; Body Material:Aluminum; Thermal Resistance:3.2 C/W; Color:Black; Size/Dimensions:0.450H x 2.240W x 2.280L"
|
Wakefield Thermal Solutions
|
FREQ1UM-1/3/3/050/32PF/80R FREQ1UM-1/3/3/050/8PF/8 |
Frequency range 1.0MHz to 200MHz High-precision crystal ideal for telecoms applications QUARTZ CRYSTAL RESONATOR, 8 MHz - 8.9 MHz ROHS COMPLIANT, HERMETIC SEALED, RESISTANCE WELDED PACKAGE-2
|
EUROQUARTZ limited Euroquartz, Ltd.
|
2SK3652 |
Low on-resistance, low Qg High avalanche resistance For high-speed switching
|
TY Semiconductor Co., Ltd
|
DFP14 DFP16 |
Military, Hot Solder Dip or Gold Plated Leads, Highly Stable, Passes MIL-STD-202 Method 210, Condition E ""Resistance to Soldering Heat"" Test
|
Vishay
|
LT1057 LT1057AC LT1057ACH LT1057ACJ LT1057ACJ8 LT1 |
Dual and Quad/ JFET Input Precision High Speed Op Amps Dual and Quad, JFET Input Precision High Speed Op Amps DUAL OP-AMP, 1400 uV OFFSET-MAX, 5 MHz BAND WIDTH, CDIP8 1-of-8 Data Selectors/Multiplexers 16-SOIC 0 to 70 Dual 2-Line to 4-Line Decoders/Demultiplexers 16-SO 0 to 70 Dual and Quad, JFET Input Precision, High Speed Op Amps Dual and Quad JFET Input Precision High Speed Op Amps From old datasheet system Dual Precision, High Speed, JFET Input Op Amp(精密,高速,结型场效应管输入双路运算放大 Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
Linear Technology Corporation LINER[Linear Technology] Black Box, Corp.
|
DFM14 |
Military, MIL-R-83401 Qualified, Type RZ, 11, 12, 15 Schematics, Hot Solder Dip, Highly Stable, Passes MIL-STD-202 Method 210, Condition E ""Resistance to Soldering Heat"" Test
|
Vishay
|
SMF6.5A SMF8.0A SMF24A SMF7.5A SMF40A |
Heat Sink; Package/Case:TO-220; Thermal Resistance:13.4 C/W; Mounting Type:Screw Mount; Length:12.7mm; Height:29.97mm; Width:23.93mm; Body Material Surface Mount ESD Protection Diodes 表面贴装ESD保护二极
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|