PART |
Description |
Maker |
PUMH13115 PEMH13-PUMH13-15 |
NPN/NPN double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. NPN/NPN resistor-equipped transistors R1 = 4.7 k? R2 = 47 k?
|
NXP Semiconductors
|
PDTD113ZT PDTD113ZT215 PDTD113ZT-13 PDTD113ZT-15 |
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
|
NXP Semiconductors N.V.
|
PEMD14 PUMD14 PEMD14-PUMD14-15 |
NPN/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open NPN-PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
|
NXP Semiconductors N.V.
|
PDTC114YEF PDTC114YT |
NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm NPN配电阻型晶体R1=10千欧姆,R2=47千欧 NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ NPN resistor-equipped transistors; R1 = 10 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
PDTD123TT PDTD123TK PDTD123TS |
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kOhm, R2 = open NPN配电阻型晶体管:耐压0V,电00mAR1 = 2.2 千欧 R2 =开 NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = open
|
NXP Semiconductors N.V.
|
PDTC123Y PDTC123YU PDTC123YE PDTC123YK PDTC123YM P |
NPN resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 10 kOhm; Package: SOT323 (SC-70); Container: Tape reel smd 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 10 kOhm; Package: SOT883 (SC-101); Container: Tape reel smd 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 10 k-ohm
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PEMH7 PEMH7_1 |
NPN resistor-equipped transistors; R1 = 4.7 kohm/ R2 = open NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = open From old datasheet system NPN resistor-equipped transistors; R1 = 4.7 kohm R2 = open
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PEMH1 PUMH1 |
NPN/NPN resistor-equipped transistors; R1 = 22 kOMH, R2 = 22 kOHM
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PEMH18 PUMH18 |
NPN/NPN resistor-equipped transistors; R1 = 4.7 k惟, R2 = 10 k惟 NPN/NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 10 kΩ NPN-NPN resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 10 kOhm
|
NXP Semiconductors
|
PUMD17 PEMD17 PEMD17-PUMD17-15 |
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW PEMD17; PUMD17; NPN/PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = 22 kOhm
|
NXP Semiconductors Philips Semiconductors
|
PEMH11-PUMH11-15 |
NPN/NPN resistor-equipped transistors R1 = 10 k? R2 = 10 k?
|
NXP Semiconductors
|
PUMH2 PUMH2115 PEMH2 |
NPN/NPN resistor-equipped transistors; R1 = 47 k楼?, R2 = 47 k楼? NPN/NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ
|
NXP Semiconductors N.V.
|