PART |
Description |
Maker |
SA56004FTK SA56004AD SA56004ADP SA56004ATK SA56004 |
隆戮1 隆?C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms ±1 °C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms --1 deg Cel accurate, SMBus-compatible, 8-pin, remote-local digital temperature sensor with overtemperature alarms ±1 °C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
|
NXP Semiconductors N.V.
|
MAX6650 MAX6650EUB MAX6651 MAX6651EEE |
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
NCT7491RQR2G |
Remote Thermal Monitor and Fan Controller with PECI 3.0 Interface and SMBus Compatible Master
|
ON Semiconductor
|
MAX665010 MAX6651EEE MAX6650EUB |
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
|
Maxim Integrated Products Maxim Integrated Produc...
|
ADT7401 ADT401BRT-REEL |
SMBus/I2C® Compatible, ±0.5°C Accurate 12-Bit Digital Temperature Sensor with Daisy Chain
|
Analog Devices
|
LTC1699EGN-80 LTC1699EGN-82 LTC1699EGN-81 LTC1699E |
Analog IC SMBus VID Voltage Programmers(SMBus接口 VID电压编程 SMBus VID Voltage Programmers(SMBus 接口VID电压编程
|
Linear Technology Corporation
|
LT6014IS8 LT6013 LT6013ACDD LT6013ACS8 LT6013AIDD |
(LT6013 / LT6014) Rail-to-Rail Output Precision Op Amps U36D Series Large Can Aluminum Electrolytic Capacitor, Screw terminals, General Purpose Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps OP-AMP, 135 uV OFFSET-MAX, 1.6 MHz BAND WIDTH, PDSO8 Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:45VDC; Capacitance:3900uF; Capacitance Tolerance: 20%; Leaded Process Compatible:No; Package/Case:76X105; Peak Reflow Compatible (260 C):No RoHS Compliant: No Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV 5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
|
Linear Technology, Corp. 运算放大 Linear Technology Corporation LINER[Linear Technology]
|
EPA460-850 EPA460-1000 EPA460-200 EPA460-225 EPA46 |
14 Pin DIP 10 Tap TTL Compatible Active Delay Lines with Leading And Trailing Edge Precision
|
PCA ELECTRONICS INC. http://
|
MAX3314 MAX3314CKA MAX3314CSA MAX3314CUA MAX3314EK |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 460kbps, 1µA, RS-232-Compatible Transceiver LINE TRANSCEIVER, PDSO8 460kbps, 1μA, RS-232-Compatible Transceiver 460kbps, 1A, RS-232-Compatible Transceiver " 460kbps, 1?A, RS-232-Compatible Transceiver" 460kbps 1A RS-232-Compatible Transceiver 460kbps, 1レA, RS-232-Compatible Transceiver 460kbps, 1µA, RS-232-Compatible Transceiver 460kbps / 1A / RS-232-Compatible Transceiver
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX160-MX7574 MX7574 MAX7574TD MAX7574SQ MAX7574AQ |
Microprocessor compatible 8-bit A/D converter. Fast conversion time 15microsec. Error -3/4 LSB. Hex Schmitt-trigger Inverters 14-CFP -55 to 125 μP Compatible 8 Bit A/D Converter ヌP COMPATIBLE 8 BIT A/D CONVERTER 10 AMP MINIATURE POWER RELAY レP Compatible 8 Bit A/D Converter 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC18 ?? Compatible 8 Bit A/D Converter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
W83601R602R W83602R W83601R |
General Purpose Input/Output IC with SMBus. Provides 15 GPI/O pins GPI/O IC with SMBus. Provides 9 GPI/O pins and ACPI power control WINBOND GPI/O IC
|
Winbond Electronics WINBOND[Winbond]
|
AD558S AD558T AD558KP AD558SD AD558 AD558TD AD558J |
DACPORT Low Cost Complete uP-Compatible 8-Bit DAC DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC Voltage-output 8-bit digital-to-analog converter, including output amplifier, full microprocessor interface and precision
|
AD[Analog Devices]
|