PART |
Description |
Maker |
MUR7005 MUR7060 MUR7010 MUR7020 MUR7040 |
70A, 400V ultra fast recovery rectifier 70A, 200V ultra fast recovery rectifier 70A, 100V ultra fast recovery rectifier 70A, 50V ultra fast recovery rectifier 70 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
MUR660CT MUR605CT MUR610CT MUR640CT MUR620CT |
6.0A, 50V ultra fast recovery rectifier 6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts 6.0A, 100V ultra fast recovery rectifier
|
MCC[Micro Commercial Components]
|
FFPF15U20DN FFPF15U20 FFPF15U20DNTU |
Ultrafast with soft recovery FAST RECOVERY POWER RECTIFIER 15A/200V Ultra Fast Recovery Rectifier
|
FAIRCHILD[Fairchild Semiconductor]
|
RS2X-13-F RS2XA-13-F RS2D-13-F RS2JA-13-F RS2K-13- |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.3V-vf 150ns 5uA-ir SMB 5K/REEL-13 1.5 A, 200 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir SMA 5K/REEL-13 1.5 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 800V 50A-ifsm 1.3V-vf 500ns 5uA-ir SMB 5K/REEL-13 1.5 A, 800 V, SILICON, RECTIFIER DIODE 1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER 1.5 A, 50 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
PF75 |
0.18 A, 7500 V, SILICON, SIGNAL DIODE Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压6000V,平均正向电00mA,轴向引脚,密封型,高压,快速恢复整流二极管) Fast Recovery Axial Rectifier. 6000 V. Io=0.50 A RECTIFIER, 6kV, 500mA, 350ns PF75
|
Semtech Corporation
|
85EPF02J 85EPF06J 85EPF02 85EPF04 85EPF04J 85EPF06 |
DIODE 85 A, 200 V, SILICON, RECTIFIER DIODE, TO-247AC, POWIRTAB-1, Rectifier Diode FAST SOFT RECOVERY RECTIFIER DIODE 200V Fast Recovery Diode in a PowIRtab package 600V Fast Recovery Diode in a PowIRtab package Dual, 2-Channel, Simultaneous Sampling, PulSAR®, 500 kSPS, 16-Bit ADC; Package: LFCSP 7x7mm (5.25EP); No of Pins: 48; Temperature Range: Industrial
|
Vishay Semiconductors IRF[International Rectifier]
|
FFAF20U60DN FFAF20U60DNTU |
320 x 240 pixel format, CFL backlight available with power harness 20 A, 600 V, SILICON, RECTIFIER DIODE ULTRA FAST RECOVERY POWER RECTIFIER 20A/600V Ultra Fast Recovery Rectifier
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
R5021010 R5020410 R5030410 R5031210 R5031010 R5020 |
1200V, 100A fast recovery single diode 1000V, 100A fast recovery single diode 800V, 100A fast recovery single diode 600V, 100A fast recovery single diode Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 快速恢复整流器00安培平均1200伏特 Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 100 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (100 Amperes Average 1200 Volts)
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
SCAS05F SCAS4F SCAS2F |
FAST RECOVERY 1 PHASE FULL WAVE BRIDGE RECTIFIERS Fast Recovery 1-Phase Full Wave Bridge Rectifier(反向电压400V,管壳温55℃时平均整流电流65A,快速恢复,1相全波桥整流 Fast Recovery 1-Phase Full Wave Bridge Rectifier(????靛?200V锛??澹虫俯搴?5???骞冲??存??垫?65A锛?揩???澶??1?稿?娉㈡ˉ?存??? 16 A, SILICON, BRIDGE RECTIFIER DIODE
|
Semtech Corporation
|
1N3903 1N3901 1N3900 1N3900R IN3900 IN3901 IN3902 |
Ultra Fast Rectifier (less than 100ns) Fast Recovery Rectifier FastRectifier(100-500ns)
LED 5MM 574NM ALINGAP GRN CLEAR Fast Rectifier (100-500ns) 20 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
20ETF12STRR 20ETF08S 20ETF08STRL 20ETF08STRR 20ETF |
FAST SOFT RECOVERY RECTIFIER DIODE 800V Fast Recovery Diode in a D2-Pak package 1200V Fast Recovery Diode in a D2-Pak package 1000V Fast Recovery Diode in a D2-Pak package DIODE 20 A, 1200 V, SILICON, RECTIFIER DIODE, D2PAK-3, Rectifier Diode
|
IRF[International Rectifier] Vishay Semiconductors
|