PART |
Description |
Maker |
STM8L051F3P6 |
Value line, 8-bit ultralow power MCU, 8-KB Flash
|
STMicroelectronics
|
STM8L052R8T6 |
Value Line, 8-bit ultralow power MCU, 64-KB Flash
|
STMicroelectronics
|
STM8L151C8T6 STM8L152R6T6 |
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
|
STMicroelectronics
|
T89C51RD2-3CSIM ATMELCORP-AT89LP213-20PU TSC80251A |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 12 MHz, MICROCONTROLLER, PQFP44 20MHZ, TQFP, IND TEMP, GREEN(MCU AVR) MCU AVR32 256K FLASH 100TQFP MCU AVR 2K FLASH 20MHZ 20VQFN 16MHZ, TQFP, IND TEMP, GREEN, 5.0(MCU AVR) -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 10MHZ, PDIP, IND TEMP, GREEN(MCU AVR) MCU AVR 256K FLASH 1.8V 64-TQFP MCU AVR 64K FLASH 1.6V 100-TQFP 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 MCU AVR 4K FLASH 15MHZ 20-QFN 8MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) IC MCU 512KB FLASH 144TFBGA MCU AVR 32K FLASH 1.6V 44-QFN BGA,ROHS-A,IND TEMP(ARM) 20MHZ,3X3 QFN/MLF, IND.TEMP, GREEN, 5V(MCU AVR) MCU AVR 64K FLASH 1.8V 64-TQFP MCU AVR 16K FLASH 4MHZ 36-LGA MCU AVR32 128K FLASH 48-QFN 8-BIT, 60 MHz, MICROCONTROLLER, PDIP40
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
PIC16C54T-HS/SO PIC16C54T-HS/SS PIC16C54T-HSE/SO P |
IC-8-BIT CMOS MCU 集成电路8位CMOS微控制器 IC-SM-8-BIT MCU 集成电路位微控制 EPROM/ROM-Based 8-Bit CMOS Microcontroller Series 存储基于ROM位CMOS微控制器系列 IC-8-BIT MCU 集成电路8位微控制 Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 集成电路8CMOS微控制器 Complementary High Speed Power Drivers 16-SOIC 0 to 70 MB 8C 8#20 SKT RECP MB 15C 14#20 1#16 PIN RECP Constant-Current/Voltage High Efficiency Battery Charger; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS IC-8-BIT CMOS MCU-OTP 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C IC-SM-MCU-8 BIT (TUBED QTY) IC-SM-8-BIT CMOS MCU Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C IC-MCU-8 BIT (TUBED QTY)
|
Micrel Semiconductor, Inc. HIROSE ELECTRIC Co., Ltd. Microchip Technology, Inc. Cypress Semiconductor Corp. 8位微控制 Microchip Technology Inc.
|
LTC2262-12 LTC2262-14 LTC5527 LTC2261-12 LTC2258-1 |
12-Bit, 150Msps Ultralow Power 1.8V ADC
|
Linear Dimensions Semiconductor
|
ST722311R6T3S ST722311R6T7S ST72511R6T1 ST72511R7T |
(ST72T311R - ST72T532R) 8-BIT MCU WITH NESTED INTERRUPTS 8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
LTC2260CUJ-14-PBF LTC2260CUJ-14-TRPBF LTC2260UJ-14 |
14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
|
Linear Technology
|
LTC2260-14-15 |
14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
|
Linear Technology
|
AD7091 |
1 MSPS, Ultralow Power 12-Bit ADC in 8-Lead LFCSP
|
Analog Devices
|
ZGP323HEP2032C ZGP323HSP4032C ZGP323HEH4832C ZGP32 |
IC Z8 GP MCU 32K OTP 20DIP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP20 IC Z8 GP MCU 32K OTP 40DIP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP40 IC Z8 GP MCU 32K OTP 48SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO48 IC Z8 GP MCU 32K OTP 28SOIC 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO28 IC Z8 GP MCU 32K OTP 28SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO28
|
ZiLOG, Inc.
|
BUT76 BUT76A |
Silicon NPN Power Transistors 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI" 晶体管|晶体管|叩| 450V五(巴西)总裁| 12A条一(c)|20 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI"
|
Vishay Telefunken STMicroelectronics N.V.
|
|