PART |
Description |
Maker |
MB89P155PFM-103 MB89P155PFM-102 MB89P155PFM-101 MB |
8-BIT, OTPROM, MICROCONTROLLER, PQFP80 Octal Buffers/Drivers With 3-State Outputs 20-CDIP -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.5F 5.5V SG TYPE GOLD HORZ 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 Quadruple 2-Input Exclusive-OR Gates 20-LCCC -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.0F 5.5V SG TYPE GOLD HORIZ
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
TSC80C51XXX-30AI ATXMEGA128A3-MHR TSC80C31-12MX/88 |
8-BIT, MROM, 30 MHz, MICROCONTROLLER, CQCC44 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, QCC64 8-BIT, 12 MHz, MICROCONTROLLER, UUC40 AVR32 32-Bit Microcontroller
|
TEMIC SEMICONDUCTORS Atmel Corp.
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
SAB-C509-LM SAF-C509-L SAFC509-L SAF-C509-LM Q6712 |
8-Bit CMOS Microcontroller 8位CMOS微控制器 8-Bit CMOS Microcontroller 8-BIT, 16 MHz, MICROCONTROLLER, PQFP100 High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-SOIC -55 to 125 DBMM25SN
|
Infineon Technologies A... SIEMENS AG Infineon Technologies AG
|
MB90W214BZF MB90W214A MB90214 MB90W214ZF MB90P214A |
16-Bit Transparent D-type Latches With 3-State Outputs 48-CFP -55 to 125 16-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQFP80 16-bit Proprietary Microcontroller
|
Fujitsu, Ltd. http:// Fujitsu Component Limited.
|
W77LE58F-25 W77LE58P-25 W77LE58-25 |
8 BIT MICROCONTROLLER 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP44 8 BIT MICROCONTROLLER 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQCC44 8 BIT MICROCONTROLLER 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PDIP40
|
Winbond Electronics, Corp.
|
TMP86PH06U TMP86PH06N |
CMOS 8 BIT MICROCONTROLLER 的CMOS 8位微控制 8-Bit Microcontroller TLCS-870 Family CMOS 8-Bit Microcontroller
|
Toshiba, Corp.
|
Z86C90 Z86C9012PSC Z86C9012VSC Z86C90PLCC Z86C90QF |
ROMLESS CMOS Z8 8-BIT MICROCONTROLLER 8-BIT, 12 MHz, MICROCONTROLLER, PDIP40 ROMLESS CMOS Z8 8-BIT MICROCONTROLLER 无ROM的CMOS Z8 8位微控制 ROMLESS CMOS Z8 8-BIT MICROCONTROLLER 8-BIT, 12 MHz, MICROCONTROLLER, PQCC44
|
ZILOG[Zilog, Inc.]
|
ATTINY28L-4PU ATTINY28L-4AL ATTINY28L-4PL ATTINY28 |
8-bit Microcontroller with 2K Bytes of Flash 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDIP28 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PQFP32 7 X 7 MM, 1 MM THICKNESS, 0.80 MM PITCH, PLASTIC, MS-026ABA, TQFP-32 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDIP28 0.300 INCH, PLASTIC, DIP-28 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, QCC32 5 X 5 MM, 1 MM HEIGHT, 0.50 MM PITCH, MO-220VHHD-2, MLF-32 8-BIT, FLASH, 1.2 MHz, RISC MICROCONTROLLER, PQFP32 7 X 7 MM, 1 MM THICKNESS, 0.80 MM PITCH, PLASTIC, MS-026ABA, TQFP-32 8-BIT, FLASH, 1.2 MHz, RISC MICROCONTROLLER, PDIP28 0.300 INCH, PLASTIC, DIP-28 16-BIT, MROM, 12 MHz, MICROCONTROLLER, PQFP44 AVR ?High-performance and Low-power RISC Architecture
|
Atmel, Corp. TEMIC SEMICONDUCTORS ATMEL Corporation
|
SAK-XC2285M-56F80L XC2286M-104FXXL XC2287M-72FXXL |
32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQFP144 16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
|
INFINEON TECHNOLOGIES AG Infineon Technologies A...
|
|