PART |
Description |
Maker |
M80-9412005 M80-9412042 M80-9411405 M80-9411442 |
JACKSCREW DATAMATE DIL CRIMP
|
Harwin Plc
|
M80-8261646 M80-8260806 M80-8260406 M80-8260422 M8 |
DATAMATE 2mm PITCH VERTICAL SMT DIL PLUG ASSEMBLY - UNLATCHED Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, tin/lead, 7 7-way 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, tin/lead, 2 2-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin Plc http://
|
M80-5601046 |
Datamate J-Tek DIL Male Large Bore Crimp Connector, tin, with jackscrews, 5 5-way 10 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4802805 M80-4802042 M80-4802405 M80-4603005 M8 |
Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip gold shell, with Hex Socket jackscrews, 14 14-way 28 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip tin shell, with Hex Socket jackscrews, 10 10-way 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip gold shell, with Hex Socket jackscrews, 12 12-way 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip gold shell, with jackscrews, 15 15-way 30 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip tin shell, with jackscrews, 15 15-way 30 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip gold shell, with Hex Socket jackscrews, 6 6-way 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
|
Harwin PLC
|
M80-8881805 |
Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip gold shell, 9 9-way 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
|
Harwin PLC
|
M80-4813005 M80-4814205 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip gold shell, with Hex Socket jackscrews, 15 15-way 30 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip gold shell, with Hex Socket jackscrews, 21 21-way 42 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4655005 M80-4753405 M80-4651242A M80-4650642A |
50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Large Bore Crimp Connector, Extended Wall, gold clip gold shell, no jackscrews, 17 17-way 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Linear Technology, Corp. Harwin PLC HARWIN INC
|
M80-8241822 M80-8241645 M80-8243445 |
Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, selective gold tin/lead, 9 9-way 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, gold, 8 8-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, gold, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-6661022 M80-6661042 M80-6661045 M80-6661222 M8 |
DATAMATE L-TEK MALE DIL HORIZONTAL SMT ASSEMBLY
|
Harwin Plc
|
M80-5100422 M80-5105042 M80-5105005 M80-5100405 M8 |
JACKSCREW DATAMATE DIL VERTICAL PC TAIL MALE ASSEMBLY (BOARD MOUNT) Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, with jackscrews board mount, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, with jackscrews board mount, 24 24-way 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin Plc
|
SVF-42T-P2.0 VLP-02V VLP-03V SVF-42T-P20 VLP-03V-1 |
6.2mm pitch/Disconnectable Crimp style connectors
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
|