PART |
Description |
Maker |
MAX114-MAX118 MAX118 MAX118CAI MAX118CPI MAX118EAI |
5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1レA Power-Down 5V 1Msps 4 & 8-Channel 8-Bit ADCs with 1A Power-Down 5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1A Power-Down 5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1μA Power-Down 6 OUTLETS 15 FT RACK MTG 5V / 1Msps / 4 & 8-Channel / 8-Bit ADCs with 1A Power-Down Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 0 to 70 5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1レA Power-Down 8-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP28
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. ADC Vicor, Corp.
|
LTC2233UK LTC2232CUK LTC2232IUK LTC2232UK LTC2233C |
10-Bit,105Msps/80Msps ADCs 10-Bit, 80Msps ADCs; Package: QFN; No of Pins: 48; Temperature Range: -40°C to 85°C 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC48 10-Bit,105Msps/ 80Msps ADCs
|
Linear Technology, Corp.
|
MAX1267 MAX1265BEEI MAX1265BCEI MAX1265AEEI MAX126 |
3V, 6-/2 channel, 12-bit ADC with 2.5V reference and parallel interface. For hand-held portable applications, medical instruments, battery-powered test equipment 265ksps. 3V. 6-/2-Channel. 12-Bit ADCs with 2.5V Reference and Parallel Interface 265ksps / 3V / 6-/2-Channel / 12-Bit ADCs with 2.5V Reference and Parallel Interface " 265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface" 265ksps 3V 6-/2-Channel 12-Bit ADCs with 2.5V Reference and Parallel Interface From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX1603 MAX1603EAI MAX159BMJA MAX159BEPA MAX159AEU |
2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin MAX 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin µMAX Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin ?MAX 2.7V Low-Power 2-Channel 108ksps Serial 10-Bit ADCs in 8-Pin ?MAX KPSE 12C 8#20 4#16 PIN RECP 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX 2.7V、低功耗通道108ksps、串0位ADC引脚µMAX封装 CAP 33UF 100V ELECT TG SMD
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. ADC MAXIM INTEGRATED PRODUCTS INC
|
MAX1239MEEE MAX1239KEEET MAX1239EEE MAX1237KEUA |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 2.7V to 3.6V and 4.5V to 5.5V / Low-Power / 4-/12-Channel / 2-Wire Serial / 12-Bit ADCs 2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 12-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-35
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
LTC2250 LTC2250CUH LTC2250IUH LTC2251 LTC2251CUH L |
10-Bit, 125Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 32; Temperature Range: 0°C to 70°C 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC32 10-Bit, 125/105Msps Low Noise 3V ADCs
|
Linear Technology, Corp.
|
MAX1320ECM MAX1316ECM MAX1317ECM MAX1324ECM MAX132 |
Dual 8-Bit To 9-Bit Parity Bus Transceivers 56-SSOP -40 to 85 18-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
|
Maxim Integrated Products, Inc. ADC
|
LTC2311 |
Single 16-Bit/14-Bit/12-Bit, 5Msps/2Msps, Serial, High Speed SAR ADCs
|
Linear Technology
|
LTC2321 |
Dual 16-Bit/14-Bit/12-Bit, 5Msps/2Msps, Serial, High Speed SAR ADCs
|
Linear Technology
|
MAX1239EEE-T MAX122BEAG MAX122BEAGT MAX1241AESA-T |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 12-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Maxim Integrated Products, Inc.
|
5962-8946803XC 5962-8946803ZA 5962-8946803YA 5962- |
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface UV-Erasable/OTP Complex PLD UV-Erasable/OTP复杂可编程逻辑器件 10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports UV-Erasable/OTP复杂可编程逻辑器件
|
Rohm Co., Ltd.
|
LTC1864 LTC1863 LCD1863 LTC1853 LTC1865 LTC1860 LT |
12-/16-Bit 8-Channel 200ksps ADCs 12-/16-Bit, 8-Channel 200ksps ADCs 12-/16-Bit通道高达200ksps模数转换 Quadruple 2-Input Positive-AND Gate 14-TVSOP -40 to 85
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
|